Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1210 Datasheet(PDF) 3 Page - IMP, Inc

Part # C1210
Description  Process C1210 CMOS 1.2mm Zero Threshold Devices
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

C1210 Datasheet(HTML) 3 Page - IMP, Inc

  C1210 Datasheet HTML 1Page - IMP, Inc C1210 Datasheet HTML 2Page - IMP, Inc C1210 Datasheet HTML 3Page - IMP, Inc C1210 Datasheet HTML 4Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
49
© IMP, Inc.
Process C1210
Starting Material
EPI P <100>
N+/P+ Width/Space
2.5/ 2.0
µm
Starting Mat. Resistivity
7 - 8.5
Ω-cm
N+ To P+ Space
9.0
µm
Typ. Operating Voltage
5V
Contact To Poly Space
1.5
µm
Well Type
N-well
Contact Overlap Of Diffusion
1.0
µm
Metal Layers
2
Contact Overlap Of Poly
1.0
µm
Poly Layers
2
Metal-1 Overlap Of Contact
1.0
µm
Contact Size
1.5x1.5
µm
Metal-1 Overlap Of Via
1.0
µm
Via Size
1.5x1.5
µm
Metal-2 Overlap Of Via
1.0
µm
Metal-1 Width/Space
2.5 / 1.5
µm
Minimum Pad Opening
65x65
µm
Metal-2 Width/Space
2.5 / 1.5
µm
Minimum Pad-to-Pad Spacing
5.0
µm
Gate Poly Width/Space
1.5 / 2.0
µm
Minimum Pad Pitch
80.0
µm
Special Feature of C1210 Process: This process offers zero threshold n- and p-channel
transistors in addition to normal threshold transistors of CMOS 1.2
µm technology.
Physical Characteristics
Metal 2
Metal 1
SIO2
VIA
Metal 1
LTO
n+
n+
p
n+
p+
p
Field Oxide
N-well
p+ substrate
p–epi
p+
p+
LTO
5.5
VGS = 4.0V
VGS = 3.0V
VGS = 2.0V
VGS = 1.0V
VGS = 0V
ID vs VD, W/L = 20/1.2
.00
012345
0.55 mA
/div
Drain Voltage (v) VDS
n-ch Transistor IV characteristics of a 20/1.2 device
-3.0
VGS = –5.0V
VGS = –4.0V
VGS = –3.0V
VGS = –2.0V
VGS = –1.0V
VGS = 0.0V
ID vs VD, W/L = 20/1.2
.00
0
–1–2–3
– 4–5
0.3 mA
/div
Drain Voltage (v) VDS
p-ch Transistor IV characteristics of a 20/1.2 device
Cross-Sectional view of the LVMOS process



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com