Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS2064 Datasheet(PDF) 38 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 38 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 34Page - Microchip Technology IS2064 Datasheet HTML 35Page - Microchip Technology IS2064 Datasheet HTML 36Page - Microchip Technology IS2064 Datasheet HTML 37Page - Microchip Technology IS2064 Datasheet HTML 38Page - Microchip Technology IS2064 Datasheet HTML 39Page - Microchip Technology IS2064 Datasheet HTML 40Page - Microchip Technology IS2064 Datasheet HTML 41Page - Microchip Technology IS2064 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 74 page
background image
IS2062/64
DS60001409A - Page 38
Advance Information
 2016 Microchip Technology Inc.
Table 8-1 through Table 8-10 provide the recom-
mended operating conditions and the electrical specifi-
cations of the IS2062/64 SoC.
Note:
The PMU output powers, BK_O, CODEC_VO, RFLDO_O and CLDO_O, can be programmed through the
EEPROM parameters.
TABLE 8-1:
RECOMMENDED OPERATING CONDITION
Symbol
Parameter
Min.
Typical
Max.
Unit
VDD_CORE
Digital core supply voltage
1.14
1.2
1.26
V
VCC_RF
RF supply voltage
1.22
1.28
1.34
V
SAR_VDD
SAR ADC supply voltage
1.62
1.8
1.98
V
VDDA/VDDAO
Codec supply voltage
1.8
2.8
3.0
V
VDD_IO
I/O supply voltage
3.0
3.3
—
V
BK_VDD
Buck supply voltage
3
3.8
4.25
V
LDO31_VIN
Supply voltage
3
3.8
4.25
V
BAT_IN
Input voltage for battery
3.2
3.8
4.25
V
ADAP_IN
Input voltage for adaptor
4.5
5
5.5
V
TOPERATION
Operation temperature
-20
+25
+70
ºC
IS2062_64.book Page 38 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com