Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS2064 Datasheet(PDF) 41 Page - Microchip Technology

Part # IS2064
Description  Generic access service
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

IS2064 Datasheet(HTML) 41 Page - Microchip Technology

Back Button IS2064 Datasheet HTML 37Page - Microchip Technology IS2064 Datasheet HTML 38Page - Microchip Technology IS2064 Datasheet HTML 39Page - Microchip Technology IS2064 Datasheet HTML 40Page - Microchip Technology IS2064 Datasheet HTML 41Page - Microchip Technology IS2064 Datasheet HTML 42Page - Microchip Technology IS2064 Datasheet HTML 43Page - Microchip Technology IS2064 Datasheet HTML 44Page - Microchip Technology IS2064 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 74 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS60001409A - Page 41
IS2062/64
Note 1:
fin=1 kHz, B/W=20~20 kHz, A-weighted, THD+N < 1%, 150 mVpp input.
2:
These parameters are characterized but not tested in manufacturing.
Note 1:
The RF TX power is modulation value.
2:
The RF Transmit power is calibrated during production using MP tool software and MT8852 Bluetooth Test
equipment.
3:
Test condition: VCC_RF = 1.28V, temperature +25 ºC.
Note 1:
Test condition: VCC_RF = 1.28V, temperature +25 ºC.
2:
These parameters are characterized, but not tested in manufacturing.
TABLE 8-7:
AUDIO CODEC ANALOG TO DIGITAL CONVERTER(2)
T = +25 oC, VDD = 2.8V, 1 kHz sine wave input, Bandwidth = 20 Hz~20 kHz
Parameter (Condition)
Min.
Typical
Max.
Unit
Resolution
—
—
16
Bit
Output Sample Rate
8
—
48
kHz
Signal to Noise Ratio (Note 1)
(SNR @MIC or Line-in mode)
—92
—
dB
Digital Gain
-54
—
4.85
dB
Digital Gain Resolution
—
2~6
—
dB
MIC Boost Gain
—
20
—
dB
Analog Gain
—
—
60
dB
Analog Gain Resolution
—
2.0
—
dB
Input full-scale at maximum gain (differential)
—
4
—
mV/rms
Input full-scale at minimum gain (differential)
—
800
—
mV/rms
3 dB bandwidth
—
20
—
kHz
Microphone mode (input impedance)
—
24
—
kOhm
THD+N (microphone input) at 30mVrms input
—
0.02
—
%
TABLE 8-8:
TRANSMITTER SECTION FOR BDR AND EDR(1, 2)
Parameter
Min.
Typical
Max.
Bluetooth
specification
Unit
Transmit power
—
2(3)
4-6 to 4
dBm
Relative transmit power
-4
-1.8
1
-4 to 1
dB
TABLE 8-9:
RECEIVER SECTION FOR BDR AND EDR(1, 2)
Modulation
Min.
Typical
Max.
Bluetooth
specification
Unit
Sensitivity at 0.1% BER
GFSK
—
-89
—
≤-70
dBm
Sensitivity at 0.01%
BER
π/4 DQPSK
—
-90
—
≤-70
dBm
8 DPSK
—
-83
—
≤-70
dBm
IS2062_64.book Page 41 Monday, May 16, 2016 6:05 PM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com