Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9250 Datasheet(PDF) 105 Page - Microchip Technology

Part # LAN9250
Description  Integrated Ethernet PHY with HP Auto-MDIX
PDF  421 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9250 Datasheet(HTML) 105 Page - Microchip Technology

Back Button LAN9250 Datasheet HTML 101Page - Microchip Technology LAN9250 Datasheet HTML 102Page - Microchip Technology LAN9250 Datasheet HTML 103Page - Microchip Technology LAN9250 Datasheet HTML 104Page - Microchip Technology LAN9250 Datasheet HTML 105Page - Microchip Technology LAN9250 Datasheet HTML 106Page - Microchip Technology LAN9250 Datasheet HTML 107Page - Microchip Technology LAN9250 Datasheet HTML 108Page - Microchip Technology LAN9250 Datasheet HTML 109Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 421 page
background image
 2015 Microchip Technology Inc.
DS00001913A-page 105
LAN9250
8-BIT READ AND WRITE
For writes, the address is set to access the lower BYTE of one of the Index Registers and FIFOSEL is held low. Data
on D[7:0] is written on the trailing edge of WR. D[15:8] pins are not used or driven. The cycle repeats for the remaining
BYTEs of the Index Register, if desired by the host.
For reads, the address is set to access the lower BYTE of one of the Index Registers and FIFOSEL is held low. Read
data is driven on D[7:0] during RD active. D[15:8] pins are not used or driven. The cycle repeats for the remaining BYTEs
of the Index Register, if desired by the host.
FIGURE 9-27:
INDEXED ADDRESSING INDEX REGISTER ACCESS - 16-BIT WRITE/READ
Note:
The upper WORD of Index Registers is reserved and don’t care. Therefore reads and writes to those
BYTEs are not useful.
FIGURE 9-28:
INDEXED ADDRESSING INDEX REGISTER ACCESS - 8-BIT WRITE/READ
CS
RD
WR
INDEX,1'b0
Index 15:8
D[15:8]
A[4:1]
INDEX,1'b1
8'hXX
Index 7:0
D[7:0]
8'hXX
FIFOSEL
INDEX,1'b0
Index 15:8
Index 7:0
INDEX,1'b1
8'hXX
8'hXX
CS
RD
WR
INDEX,2'b00
D[15:8]
A[4:0]
INDEX,2'b01
Index 7:0
D[7:0]
Index 15:8
FIFOSEL
INDEX,2'b00
INDEX,2'b01
INDEX,2'b10
INDEX,2'b11
8'hXX
8'hXX
Hi-Z
Index 7:0
Index 15:8
8'hXX
8'hXX
INDEX,2'b10
INDEX,2'b11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com