Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP624 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP624
Description  Input Range incl. Negative Rail
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP624 Datasheet(HTML) 5 Page - Microchip Technology

  MCP624 Datasheet HTML 1Page - Microchip Technology MCP624 Datasheet HTML 2Page - Microchip Technology MCP624 Datasheet HTML 3Page - Microchip Technology MCP624 Datasheet HTML 4Page - Microchip Technology MCP624 Datasheet HTML 5Page - Microchip Technology MCP624 Datasheet HTML 6Page - Microchip Technology MCP624 Datasheet HTML 7Page - Microchip Technology MCP624 Datasheet HTML 8Page - Microchip Technology MCP624 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
 2009-2014 Microchip Technology Inc.
DS20002188D-page 5
MCP621/1S/2/3/4/5/9
TABLE 1-3:
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM = VDD/2,
VOUT  VDD/2, VL = VDD/2, RL = 2 k to VL, CL = 50 pF and CAL/CS =VSS (refer to Figure 1-1 and Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
CAL/CS Low Specifications
CAL/CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CAL/CS Input Current, Low
ICSL
—0
—
nA
CAL/CS = 0V
CAL/CS High Specifications
CAL/CS Logic Threshold, High
VIH
0.8VDD
VDD
V
CAL/CS Input Current, High
ICSH
—
0.7
—
µA
CAL/CS = VDD
GND Current
ISS
-3.5
-1.8
—
µA
Single, CAL/CS = VDD = 2.5V
ISS
-8
-4
—
µA
Single, CAL/CS = VDD = 5.5V
ISS
-5
-2.5
—
µA
Dual, CAL/CS = VDD = 2.5V
ISS
-10
-5
—
µA
Dual, CAL/CS = VDD = 5.5V
CAL/CS Internal Pull-Down
Resistor
RPD
—5
—
M
Amplifier Output Leakage
IO(LEAK)
—
50
—
nA
CAL/CS = VDD, TA = 125°C
POR Dynamic Specifications
VDD Low to Amplifier Off Time
(output goes High Z)
tPOFF
—
200
—
ns
G = +1 V/V, VL = VSS,
VDD = 2.5V to 0V step to VOUT =0.1
(2.5V)
VDD High to Amplifier On Time
(including calibration)
tPON
100
200
300
ms
G = +1 V/V, VL = VSS,
VDD = 0V to 2.5V step to VOUT =0.9
(2.5V)
CAL/CS Dynamic Specifications
CAL/CS Input Hysteresis
VHYST
—
0.25
—
V
CAL/CS Setup Time
(between CAL/CS edges)
tCSU
1—
—
µs
G = +1 V/V, VL = VSS (Notes 2, 3, 4)
CAL/CS = 0.8VDD to VOUT = 0.1
(VDD/2)
CAL/CS High to Amplifier Off Time
(output goes High Z)
tCOFF
—
200
—
ns
G = +1 V/V, VL = VSS,
CAL/CS = 0.8VDD to VOUT = 0.1
(VDD/2)
CAL/CS Low to Amplifier On Time
(including calibration)
tCON
—3
4
ms
G = +1 V/V, VL = VSS, MCP621 and
MCP625, CAL/CS = 0.2VDD to
VOUT =0.9 (VDD/2)
tCON
—6
8
ms
G = +1 V/V, VL = VSS, MCP629,
CAL/CS = 0.2VDD to
VOUT =0.9 (VDD/2)
Note 1:
The MCP622 single, MCP625 dual and MCP629 quad have their CAL/CS inputs internally pulled down to VSS (0V).
2:
This time ensures that the internal logic recognizes the edge. However, for the rising edge case, if CAL/CS is raised
before the calibration is complete, the calibration will be aborted and the part will return to Low-Power mode.
3:
For the MCP625 dual, there is an additional constraint. CALA/CSA and CALB/CSB can be toggled simultaneously
(within a time much smaller than tCSU) to make both op amps perform the same function simultaneously. If they are
toggled independently, then CALA/CSA (CALB/CSB) cannot be allowed to toggle while op amp B (op amp A) is in
Calibration mode; allow more than the maximum tCON time (4 ms) before the other side is toggled.
4:
For the MCP629 quad, there is an additional constraint. CALAD/CSAD and CALBC/CSBC can be toggled simultaneously
(within a time much smaller than tCSU) to make all four op amps perform the same function simultaneously, and the
maximum tCON time is approximately doubled (8 ms). If they are toggled independently, then CALAD/CSAD
(CALBC/CSBC) cannot be allowed to toggle while op amps B and C (op amps A and D) are in Calibration mode; allow
more than the maximum tCON time (8 ms) before the other side is toggled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com