Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP624 Datasheet(PDF) 60 Page - Microchip Technology

Part # MCP624
Description  Input Range incl. Negative Rail
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP624 Datasheet(HTML) 60 Page - Microchip Technology

Back Button MCP624 Datasheet HTML 54Page - Microchip Technology MCP624 Datasheet HTML 55Page - Microchip Technology MCP624 Datasheet HTML 56Page - Microchip Technology MCP624 Datasheet HTML 57Page - Microchip Technology MCP624 Datasheet HTML 58Page - Microchip Technology MCP624 Datasheet HTML 59Page - Microchip Technology MCP624 Datasheet HTML 60Page - Microchip Technology MCP624 Datasheet HTML 61Page - Microchip Technology MCP624 Datasheet HTML 62Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 60 / 62 page
background image
MCP621/1S/2/3/4/5/9
DS20002188D-page 60
 2009-2014 Microchip Technology Inc.
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP621:
Single Op Amp
MCP621T:
Single Op Amp (Tape and Reel)
(SOIC)
MCP621S:
Single Op Amp (SOT-23)
MCP622:
Dual Op Amp
MCP622T:
Dual Op Amp (Tape and Reel)
(DFN and SOIC)
MCP623T:
Single Op Amp (Tape and Reel) (SOT-23)
MCP624:
Quad Op Amp
MCP624T:
Quad Op Amp (Tape and Reel)
(TSSOP and SOIC)
MCP625:
Dual Op Amp
MCP625T:
Dual Op Amp (Tape and Reel)
(DFN and MSOP)
MCP629:
Quad Op Amp
MCP629T:
Quad Op Amp (Tape and Reel)
(QFN)
Temperature
Range:
E
= -40°C to +125°C
Package:
CHY = Plastic Small Outline (SOT-23), 6-lead
MF = Plastic Dual Flat, No Lead (3x3 DFN),
8-lead, 10-lead
ML = Plastic Quad Flat, No Lead Package (4x4 QFN),
(4x4x0.9 mm), 16-lead
MNY = Plastic Dual Flat, No Lead (2x3 TDFN),
8-lead
OT = Plastic Small Outline (SOT-23), 5-lead
SN = Plastic Small Outline, (3.90 mm), 8-lead
ST
= Plastic Thin Shrink Small Outline, (4.4 mm TSSOP),
14-lead
SL
= Plastic Small Outline, Narrow, (3.90 mm SOIC),
14-lead
UN = Plastic Micro Small Outline, (MSOP), 10-lead
* Y = Nickel palladium gold manufacturing designator.
Only available on the TDFN package.
Examples:
a)
MCP621T-E/SN:
Tape and Reel,
Extended temperature,
8LD SOIC package
b)
MCP621T-E/MNY: Tape and Reel,
Extended temperature,
8LD TDFN package
c)
MCP621ST-E/OT: Tape and Reel,
Extended temperature,
5LD SOT-23 package
d)
MCP622T-E/MF:
Tape and Reel,
Extended temperature,
8LD DFN package
e)
MCP622T-E/SN:
Tape and Reel,
Extended temperature,
8LD SOIC package
f)
MCP623T-E/CHY: Tape and Reel,
Extended temperature,
6LD SOT-23 package
g)
MCP624T-E/SL:
Tape and Reel,
Extended temperature,
14LD SOIC package
h)
MCP624T-E/ST:
Tape and Reel,
Extended temperature,
14LD TSSOP package
i)
MCP625T-E/MF:
Tape and Reel,
Extended temperature,
10LD DFN package
j)
MCP625T-E/UN:
Tape and Reel,
Extended temperature,
10LD MSOP package
k)
MCP629T-E/ML:
Tape and Reel,
Extended temperature,
16LD QFN package
PART NO.
-X
/XX
Package
Temperature
Range
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com