Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP632 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP632
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP632 Datasheet HTML 24Page - Microchip Technology MCP632 Datasheet HTML 25Page - Microchip Technology MCP632 Datasheet HTML 26Page - Microchip Technology MCP632 Datasheet HTML 27Page - Microchip Technology MCP632 Datasheet HTML 28Page - Microchip Technology MCP632 Datasheet HTML 29Page - Microchip Technology MCP632 Datasheet HTML 30Page - Microchip Technology MCP632 Datasheet HTML 31Page - Microchip Technology MCP632 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 28
 2009-2014 Microchip Technology Inc.
NNN
8-Lead SOIC (3.90 mm) (MCP631, MCP632)
Example
MCP631E
SN^^1425
256
3
e
10-Lead DFN (3x3x0.9 mm) (MCP635)
Example
Device
Code
MCP635T-E/MF
BAFB
Note 1: Applies to 10-lead 3x3 DFN
BAFB
1425
256
10-Lead MSOP (3x3 mm) (MCP635)
Example
665EUN
425256
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC® designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com