Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP632 Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP632
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP632 Datasheet(HTML) 4 Page - Microchip Technology

  MCP632 Datasheet HTML 1Page - Microchip Technology MCP632 Datasheet HTML 2Page - Microchip Technology MCP632 Datasheet HTML 3Page - Microchip Technology MCP632 Datasheet HTML 4Page - Microchip Technology MCP632 Datasheet HTML 5Page - Microchip Technology MCP632 Datasheet HTML 6Page - Microchip Technology MCP632 Datasheet HTML 7Page - Microchip Technology MCP632 Datasheet HTML 8Page - Microchip Technology MCP632 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 4
 2009-2014 Microchip Technology Inc.
AC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS =GND, VCM =VDD/2,
VOUT  VDD/2, VL =VDD/2, RL =2 k to VL, CL = 50 pF and CS =VSS (refer to Figure 1-2).
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
AC Response
Gain-Bandwidth Product
GBWP
—
24
—
MHz
Phase Margin
PM
—
65
—
°
G = +1
Open-Loop Output Impedance
ROUT
—20
—
AC Distortion
Total Harmonic Distortion plus Noise
THD + N
—
0.0015
—
%
G = +1, VOUT =2VP-P, f = 1 kHz,
VDD =5.5V, BW = 80kHz
Step Response
Rise Time, 10% to 90%
tr
—20
—
ns
G = +1, VOUT = 100 mVP-P
Slew Rate
SR
—
10
—
V/µs
G = +1
Noise
Input Noise Voltage
Eni
—16
—
µVP-P f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—10
—
nV/
Hz f = 1 MHz
Input Noise Current Density
ini
4—
fA/
Hz f = 1 kHz
DIGITAL ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA =+25°C, VDD = +2.5V to +5.5V, VSS = GND, VCM =VDD/2,
VOUT  VDD/2, VL =VDD/2, RL =2 k to VL, CL = 50 pF and CS =VSS (refer to Figures 1-1 and 1-2).
Parameters
Sym.
Min.
Typ.
Max. Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2VDD
V
CS Input Current, Low
ICSL
—0.1
—
nA
CS =0V
CS High Specifications
CS Logic Threshold, High
VIH
0.8VDD
VDD
V
CS Input Current, High
ICSH
—0.7
—
µA
CS =VDD
GND Current
ISS
-2
-1
—µA
CS Internal Pull-Down Resistor
RPD
—5
—
M
Amplifier Output Leakage
IO(LEAK)
—50—
nA
CS =VDD, TA = +125°C
CS Dynamic Specifications
CS Input Hysteresis
VHYST
—
0.25
—
V
CS High to Amplifier Off Time
(output goes High Z)
tOFF
—
200
—
ns
G = +1 V/V, VL =VSS,
CS =0.8VDD to VOUT =0.1(VDD/2)
CS Low to Amplifier On Time
tON
—2
10
µs
G= +1 V/V, VL =VSS,
CS =0.2VDD to VOUT =0.9(VDD/2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com