Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP634 Datasheet(PDF) 57 Page - Microchip Technology

Part # MCP634
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP634 Datasheet(HTML) 57 Page - Microchip Technology

Back Button MCP634 Datasheet HTML 52Page - Microchip Technology MCP634 Datasheet HTML 53Page - Microchip Technology MCP634 Datasheet HTML 54Page - Microchip Technology MCP634 Datasheet HTML 55Page - Microchip Technology MCP634 Datasheet HTML 56Page - Microchip Technology MCP634 Datasheet HTML 57Page - Microchip Technology MCP634 Datasheet HTML 58Page - Microchip Technology MCP634 Datasheet HTML 59Page - Microchip Technology MCP634 Datasheet HTML 60Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 57 / 60 page
background image
 2009-2014 Microchip Technology Inc.
DS20002197C-page 57
MCP631/2/3/4/5/9
APPENDIX A: REVISION HISTORY
Revision C (July 2014)
The following is the list of modifications:
1.
Updated the Features: list.
2.
Added the High Gain-Bandwidth Op Amp
Portfolio table in the Features: section.
3.
Updated Figures 4-6 and 4-11.
4.
Updated
Section 6.0
“Packaging
Information”
and
Section 6.1
“Package
Marking Information”.
5.
Minor typographical changes.
Revision B (November 2011)
The following is the list of modifications:
1.
Added the MCP634 and MCP639 amplifiers to
the product family and the related information
throughout the document.
2.
Added the 2x3 TDFN (8L), SOT23 (5L) package
option for MCP631, SOT23 (6L) package option
for MCP633, 4x4 QFN (16L) package option for
MCP639, SOIC and TSSOP (14L) package
options for MCP634 and the related information
throughout the document. Updated package
types drawing with pin designation for each new
package.
3.
Updated the Temperature Specifications table to
show the temperature specifications for new
packages.
4.
Updated Table 3-1 to show all the pin functions.
5.
Updated Section 6.0 “Packaging Informa-
tion” with markings for the new additions.
Added the corresponding SOT23 (5L), SOT23
(6L), TDFN (8L), SOIC, TSSOP (14L), and 4x4
QFN (16L) package options and related infor-
mation.
6.
Updated table description and examples in the
Product Identification System section.
Revision A (August 2009)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com