Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP634 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP634
Description  Unity-Gain Stable
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP634 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP634 Datasheet HTML 16Page - Microchip Technology MCP634 Datasheet HTML 17Page - Microchip Technology MCP634 Datasheet HTML 18Page - Microchip Technology MCP634 Datasheet HTML 19Page - Microchip Technology MCP634 Datasheet HTML 20Page - Microchip Technology MCP634 Datasheet HTML 21Page - Microchip Technology MCP634 Datasheet HTML 22Page - Microchip Technology MCP634 Datasheet HTML 23Page - Microchip Technology MCP634 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 60 page
background image
MCP631/2/3/4/5/9
DS20002197C-page 20
 2009-2014 Microchip Technology Inc.
4.0
APPLICATIONS
The MCP631/2/3/4/5/9 family is manufactured using
the Microchip state-of-the-art CMOS process. It is
designed for low-cost, low-power and high-speed
applications. Its low supply voltage, low quiescent
current
and
wide
bandwidth
make
the
MCP631/2/3/4/5/9
ideal
for
battery-powered
applications.
4.1
Input
4.1.1
PHASE REVERSAL
The input devices are designed to exhibit no phase
inversion when the input pins exceed the supply
voltages.
Figure 2-38 shows
an
input voltage
exceeding both supplies with no phase inversion.
4.1.2
INPUT VOLTAGE AND CURRENT
LIMITS
The electrostatic discharge (ESD) protection on the
inputs can be depicted as shown in Figure 4-1. This
structure was chosen to protect the input transistors
and to minimize input bias current (IB). The input ESD
diodes clamp the inputs when they try to go more than
one diode drop below VSS. They also clamp any
voltages that go too far above VDD; their breakdown
voltage is high enough to allow normal operation and
low enough to bypass quick ESD events within the
specified limits.
FIGURE 4-1:
Simplified Analog Input ESD
Structures.
In order to prevent damage and/or improper operation
of these amplifiers, the circuit must limit the currents
(and voltages) at the input pins (see Section 1.1
“Absolute Maximum Ratings †”). Figure 4-2 shows
the recommended approach to protecting these inputs.
The internal ESD diodes prevent the input pins (VIN+
and VIN-) from going too far below ground, while the
resistors R1 and R2 limit the possible current drawn out
of the input pins. Diodes D1 and D2 prevent the input
pins (VIN+ and VIN-) from going too far above VDD and
dump any currents onto VDD.
When implemented as shown, resistors R1 and R2 also
limit the current through D1 and D2.
FIGURE 4-2:
Protecting the Analog
Inputs.
It is also possible to connect the diodes to the left of the
resistors R1 and R2. If so, the currents through the
diodes D1 and D2 need to be limited by some other
mechanism. The resistors then serve as in-rush current
limiters; the DC current into the input pins (VIN+ and
VIN-) should be very small.
A significant amount of current can flow out of the
inputs
(through
the
ESD
diodes)
when
the
Common-Mode voltage (VCM) is below ground (VSS);
see Figure 2-13. Applications that are high-impedance
may need to limit the usable voltage range.
4.1.3
NORMAL OPERATION
The input stage of the MCP631/2/3/4/5/9 op amps uses
a differential PMOS input stage. It operates at low
Common-Mode input voltages (VCM), with VCM
between VSS – 0.3V and VDD – 1.3V. To ensure proper
operation, the input offset voltage (VOS) is measured at
both VCM =VSS – 0.3V and VCM =VDD –1.3V. See
Figures 2-5 and 2-6 for temperature effects.
When operating at very low non-inverting gains, the
output voltage is limited at the top by the VCM range
(< VDD – 1.3V); see Figure 4-3.
FIGURE 4-3:
Unity-Gain Voltage
Limitations for Linear Operation.
Bond
Pad
Bond
Pad
Bond
Pad
VDD
VIN+
VSS
Input
Stage
Bond
Pad
VIN-
V1
R1
VDD
D1
VOUT
V2
R2
D2
MCP63X
R
1
V
SS
minimum expected V
1

–
2mA
------------------------------------------------------------------------
R
2
V
SS
minimum expected V
2

–
2mA
------------------------------------------------------------------------
VIN
VDD
VOUT
MCP63X
+
-
V
SS
V
IN
V
OUT
V
DD
1.3V
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com