Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC24052 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC24052
Description  6A Output Current Capability
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC24052 Datasheet(HTML) 1 Page - Microchip Technology

  MIC24052 Datasheet HTML 1Page - Microchip Technology MIC24052 Datasheet HTML 2Page - Microchip Technology MIC24052 Datasheet HTML 3Page - Microchip Technology MIC24052 Datasheet HTML 4Page - Microchip Technology MIC24052 Datasheet HTML 5Page - Microchip Technology MIC24052 Datasheet HTML 6Page - Microchip Technology MIC24052 Datasheet HTML 7Page - Microchip Technology MIC24052 Datasheet HTML 8Page - Microchip Technology MIC24052 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
 2016 Microchip Technology Inc.
DS20005659A-page 1
MIC24052
Features
• HyperLight Load® Efficiency: up to 80% at 10 mA
• Hyper Speed Control® Architecture Enables:
- High Delta V Operation (VIN = 19V and VOUT
= 0.8V)
- Small Output Capacitance
• 4.5V to 19V Input Voltage Range
• 6A Output Current Capability
• Up to 95% Efficiency
• Adjustable Output from 0.8V to 5.5V
• ±1% Feedback Accuracy
• Any Capacitor Stable - Zero-to-High ESR
• 600 kHz Switching Frequency
• Power Good (PG) Output
• Foldback Current-Limit and “Hiccup Mode”
Short-Circuit Protection
• Supports Safe Start-Up into a Pre-Biased Load
• –40°C to +125°C Junction Temperature Range
• Available in a 28-pin 5 mm x 6 mm QFN Package
Applications
• Servers and Workstations
• Routers, Switches, and Telecom Equipment
• Base Stations
General Description
The MIC24052 is a constant-frequency, synchronous
DC/DC buck regulator featuring a unique adaptive
on-time control architecture. The MIC24052 operates
over an input supply range of 4.5V to 19V. It has an
internal linear regulator which provides a regulated 5V
to power the internal control circuitry. The MIC24052
operates at a constant 600 kHz switching frequency in
continuous-conduction mode and can be used to
provide up to 6A of output current. The output voltage
is adjustable down to 0.8V.
Microchip’s HyperLight Load® architecture provides
the same high-efficiency and ultra-fast transient
response as the Hyper Speed Control® architecture
under medium to heavy loads, but also maintains high
efficiency under light load conditions by transitioning to
variable-frequency, discontinuous-mode operation.
The MIC24052 offers a full suite of protection features
to ensure protection of the IC during fault conditions.
These include undervoltage lockout to ensure proper
operation
under
power-sag
conditions,
thermal
shutdown, internal soft-start to reduce the inrush
current, foldback current limit and “hiccup mode”
short-circuit protection. The MIC24052 includes a
power good (PG) output to allow simple sequencing.
The 6A Hyper Speed Control part, MIC24051, is also
available on Microchip’s web site.
Typical Application Schematic
MIC24052
28-PIN QFN
10k
2.2μF
PG
V
IN
4.5V TO 19V
4.7μF
x2
EN
0.1μF
2.2μH
0.1μF
19.6k
2.49k
4.7nF
2.00k
V
OUT
1.8V/6A
100μF
MIC24052
VDD
SGND
PG
VIN
PVIN
PGND
EN
BST
SW
CS
FB
10k
PVDD
12V, 6A High-Efficiency Buck Regulator
with HyperLight Load®


Similar Part No. - MIC24052

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC24052 MICREL-MIC24052 Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
MIC24052YJL MICREL-MIC24052YJL Datasheet
1Mb / 30P
12V, 6A High-Efficiency Buck Regulator
More results

Similar Description - MIC24052

ManufacturerPart #DatasheetDescription
logo
Lineage Power Corporati...
APXH006A0X-SRZ LINEAGEPOWER-APXH006A0X-SRZ Datasheet
595Kb / 23P
2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
APTS006A0X-SRZ LINEAGEPOWER-APTS006A0X-SRZ Datasheet
730Kb / 25P
4.5 - 14Vdc input; 0.59Vdc to 5.5Vdc output; 6A output current
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
36 - 75Vdc Input; 12Vdc Output; 6A Output Current
ATA006A0X LINEAGEPOWER-ATA006A0X Datasheet
530Kb / 19P
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATA006A0X-SR LINEAGEPOWER-ATA006A0X-SR Datasheet
796Kb / 21P
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 6A output current
ATH006A0X LINEAGEPOWER-ATH006A0X Datasheet
526Kb / 19P
2.4 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 6A output current
NSR006A0X4Z LINEAGEPOWER-NSR006A0X4Z Datasheet
457Kb / 20P
4.5 - 14Vdc input; 0.59Vdc to 6Vdc Output; 6A output current
KBVW006A0B LINEAGEPOWER-KBVW006A0B Datasheet
1Mb / 20P
36??5Vdc Input; 12.0Vdc Output; 6A Output Current
logo
Ericsson
PME4118TP ERICSSON-PME4118TP Datasheet
719Kb / 29P
6A output current
logo
Texas Instruments
PT6440 TI1-PT6440_14 Datasheet
203Kb / 10P
6A Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com