Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7613 Datasheet(PDF) 7 Page - Analog Devices

Part # ADV7613
Description  Integrated consumer electronics control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADV7613 Datasheet HTML 3Page - Analog Devices ADV7613 Datasheet HTML 4Page - Analog Devices ADV7613 Datasheet HTML 5Page - Analog Devices ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices ADV7613 Datasheet HTML 10Page - Analog Devices ADV7613 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ADV7613
Data Sheet
Rev. A | Page 6 of 13
Parameter
Symbol
Min
Typ
Max
Unit
Start Condition Setup Time
t
4
600
ns
SDA Setup Time
t
5
100
ns
SCL and SDA Rise Time
t
6
300
ns
SCL and SDA Fall Time
t
7
300
ns
Stop Condition Setup Time
t
8
0.6
µs
RESET FEATURE
Reset Pulse Width
5
ms
Reset Pulse to First I2C Transaction
5
ms
I2S PORT, MASTER MODE
SCLK Mark to Space Ratio
t
15:t16
45:55
55:45
% Duty Cycle
Left/Right Clock (LRCLK) Data Transition Time
t
17
10
ns
t
18
10
ns
I2Sx1 Data Transition Time
t
19
5
ns
t
20
5
ns
1 I2Sx signals (where x = 0, 1, 2, or 3) are available on the AP1 to AP4 pins (see Table 6).
Timing Diagrams
Figure 3. I2C Timing
Figure 4. I2S Timing
SDA
SCL
t5
t3
t4
t8
t6
t7
t2
t1
t3
SCLK
LRCLK
I2Sx
LEFT JUSTIFIED
MODE
I2Sx
RIGHT JUSTIFIED
MODE
I2Sx
I2S MODE
MSB
MSB – 1
t15
t16
t17
t19
t20
t18
MSB
MSB – 1
LSB
MSB
t19
t20
t19
t20
NOTES
1. THE LRCLK SIGNAL IS AVAILABLE ON THE AP5 PIN.
2. I2Sx SIGNALS (WHERE x = 0, 1, 2, OR 3) ARE AVAILABLE
ON THE FOLLOWING PINS:AP1, AP2, AP3, AND AP4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com