Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7613 Datasheet(PDF) 1 Page - Analog Devices

Part # ADV7613
Description  Integrated consumer electronics control
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7613 Datasheet(HTML) 1 Page - Analog Devices

  ADV7613 Datasheet HTML 1Page - Analog Devices ADV7613 Datasheet HTML 2Page - Analog Devices ADV7613 Datasheet HTML 3Page - Analog Devices ADV7613 Datasheet HTML 4Page - Analog Devices ADV7613 Datasheet HTML 5Page - Analog Devices ADV7613 Datasheet HTML 6Page - Analog Devices ADV7613 Datasheet HTML 7Page - Analog Devices ADV7613 Datasheet HTML 8Page - Analog Devices ADV7613 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Low Power HDMI to LVDS Display Bridge
Data Sheet
ADV7613
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Single-input HDMI receiver with dual channel LVDS
transmitter outputs
HDMI receiver support
148.5 MHz maximum TMDS clock frequency
High-bandwidth Digital Content Protection (HDCP) 1.4
support with internal HDCP keys
Adaptive HDMI equalizer
5 V detect and hot plug assert for HDMI port
Extended colorimetry, including sYCC601, Adobe RGB,
Adobe YCC 601, xvYCC extended gamut color
LVDS transmitters
Dual channel 24-bit OpenLDI interface
Supports 6-bit and 8-bit nonbalanced OpenLDI or 8-bit
video electronics standards association (VESA) formats
Audio support including high bit rate (HBR) and Direct
Stream Digital (DSD)
S/PDIF (IEC 60958-compatible) digital audio support
Dedicated, flexible audio output port
Dolby® TrueHD DTS-HD Master Audio™
General
Internal EDID RAM
Integrated consumer electronics control (CEC) controller
Standard identification (STDI) circuit
Any to any, 3 × 3 color space conversion (CSC) matrix
100-ball, 9 mm × 9 mm CSP_BGA package
Qualified for automotive applications
APPLICATIONS
Projectors
Automotive infotainment headunits
Automotive infotainment displays
Digital signage
FUNCTIONAL BLOCK DIAGRAM
Figure 1.
REFERENCE
CLOCK
HDMI
DDC
AUDIO
OUTPUT
INT
LVDS Tx
OpenLDI
ENCODER
COMPONENT
PROCESSOR
AUDIO
PACKET
PROCESSOR
AUDIO
INTERFACE
HDMI
PROCESSOR
HDCP
KEYS
EDID
CONTROL
CABLE
EQUALIZER
DIGITAL
CLOCK
SYNTHESIS
PACKET
INFOFRAME
MEMORY
HOST I/F
CONFIGURATION
AND CONTROL
LVDS Tx
DUAL
LVDS Tx
OUTPUT
I2C SLAVE
RESET


Similar Part No. - ADV7613

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7613 AD-ADV7613 Datasheet
301Kb / 13P
Low Power HDMI to LVDS Display Bridge
5/2017-Rev. A to Rev. B
ADV7613 AD-ADV7613 Datasheet
311Kb / 13P
LVDS Display Bridge
9/2018-Rev. B to Rev. C
ADV7613BBCZ AD-ADV7613BBCZ Datasheet
301Kb / 13P
Low Power HDMI to LVDS Display Bridge
5/2017-Rev. A to Rev. B
ADV7613BBCZ AD-ADV7613BBCZ Datasheet
311Kb / 13P
LVDS Display Bridge
9/2018-Rev. B to Rev. C
ADV7613BBCZ-RL AD-ADV7613BBCZ-RL Datasheet
301Kb / 13P
Low Power HDMI to LVDS Display Bridge
5/2017-Rev. A to Rev. B
More results

Similar Description - ADV7613

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA16846 INFINEON-TDA16846 Datasheet
351Kb / 28P
ICs for Consumer Electronics
2000-01-14
logo
Siemens Semiconductor G...
SDA9270 SIEMENS-SDA9270 Datasheet
599Kb / 33P
ICs for Consumer Electronics
SDA9280 SIEMENS-SDA9280 Datasheet
249Kb / 43P
ICs for Consumer Electronics
SDA525X-2 SIEMENS-SDA525X-2 Datasheet
147Kb / 23P
ICs for Consumer Electronics
logo
Silicon Laboratories
SI4770-77-A20 SILABS-SI4770-77-A20 Datasheet
419Kb / 54P
HIGH-PERFORMANCE CONSUMER ELECTRONICS
logo
List of Unclassifed Man...
RFM210LW-315S1 ETC2-RFM210LW-315S1 Datasheet
1Mb / 17P
Low-Cost Consumer Electronics Applications
RFM210W-315S1 ETC2-RFM210W-315S1 Datasheet
524Kb / 21P
Low-Cost Consumer Electronics Applications
logo
Silicon Laboratories
EZR32HG220 SILABS-EZR32HG220 Datasheet
1Mb / 86P
Consumer electronics
EZR32HG320 SILABS-EZR32HG320 Datasheet
1Mb / 87P
Consumer electronics
logo
Abracon Corporation
ASTMLP ABRACON-ASTMLP Datasheet
5Mb / 13P
Consumer electronics
06.30.15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com