Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLVDA28 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SLVDA28
Description  SLVDA2.8 LOW VOTAGE TVS DIODE ARRAY FOR ESD & LATCH-UP PROTECTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SLVDA28 Datasheet(HTML) 1 Page - Semtech Corporation

  SLVDA28 Datasheet HTML 1Page - Semtech Corporation SLVDA28 Datasheet HTML 2Page - Semtech Corporation SLVDA28 Datasheet HTML 3Page - Semtech Corporation SLVDA28 Datasheet HTML 4Page - Semtech Corporation SLVDA28 Datasheet HTML 5Page - Semtech Corporation SLVDA28 Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PROTECTION PRODUCTS
1
www.semtech.com
PROTECTION PRODUCTS
SLVDA2.8
Low Voltage TVS Diode Array
For ESD & Latch-Up Protection
Description
Features
Circuit Diagram (Each Line)
Schematic & PIN Configuration
Revision 9/2000
The SLV series of transient voltage suppressors are
designed to protect low voltage semiconductor compo-
nents which are connected to data and transmission
lines from transients caused by electrostatic discharge
(ESD), lightning and other induced voltage surges.
The devices are constructed using Semtech’s propri-
etary EPD process technology. The EPD process pro-
vides low standoff voltages with significant reductions
in leakage currents and capacitance over silicon
avalanche diode processes. The SLV series is specifi-
cally designed for protecting low voltage components
such as microprocessors, ASICs, I/O transceivers, and
high speed RAM. They provide ESD and latch-up
protection for power and I/O ports, microprocessor bus
interfaces, high speed data and video transmission
lines, and low power portable and wireless systems.
The SLV series TVS diodes will meet the surge require-
ments of IEC 61000-4-2, Level 4, “Human Body
Model” for air and contact discharge.
The low clamping voltage of the SLV minimizes the
stress on the protected transceiver. The SO-8 package
allows flexibility in the design of “crowded” circuit
boards.
Applications
Mechanical Characteristics
u ESD and Latch-Up Protection
u Analog Inputs
u WAN/LAN Equipment
u Low Voltage ASICs
u Instrumentation
u Low Power Systems
u 300 watts peak pulse power (tp = 8/20µs)
u Transient protection for data lines to
IEC 61000-4-2 (ESD) 15kV (air), 8kV (contact)
IEC 61000-4-4 (EFT) 40A (5/50ns)
IEC 61000-4-5 (Lightning) 12A (1.2/50µs)
u Protects up to four bidirectional lines
u Working Voltages: 2.8V & 3.3V
u Low leakage current for low power applications
u Low operating voltage ideal for latch-up protection
u Low capacitance
u Low clamping voltage
u Solid-state EPD TVS technology
u JEDEC SO-8 package
u Molding compound flammability rating: UL 94V-0
u Marking : Part number, date code, logo
u Packaging : Tape and Reel per EIA 481
S0-8 (Top View)
1
2
3
4
5
6
7
8


Similar Part No. - SLVDA28

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SLVDA28LC PROTEC-SLVDA28LC Datasheet
90Kb / 5P
ULTRA LOW CAPACITANCE TVS ARRAY
More results

Similar Description - SLVDA28

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMF05 SEMTECH-SMF05 Datasheet
160Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection?
SMS05 SEMTECH-SMS05 Datasheet
161Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMS05C SEMTECH-SMS05C Datasheet
164Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection???
SMF05 SEMTECH-SMF05_08 Datasheet
179Kb / 8P
TVS Diode Array For ESD and Latch-Up Protection
SMS05 SEMTECH-SMS05_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
SMS05C SEMTECH-SMS05C_04 Datasheet
159Kb / 7P
TVS Diode Array For ESD and Latch-Up Protection
logo
Unisonic Technologies
USMS05 UTC-USMS05 Datasheet
124Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Shanghai Leiditech Elec...
SDA05DT4 LEIDITECH-SDA05DT4 Datasheet
150Kb / 3P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
logo
Semtech Corporation
SLVDA2.8 SEMTECH-SLVDA2.8 Datasheet
155Kb / 6P
Low Voltage TVS Diode Array For ESD&Latch-up Protection
logo
Shanghai Leiditech Elec...
ESD0503B LEIDITECH-ESD0503B Datasheet
730Kb / 4P
TVS DIODE ARRAY FOR ESD AND LATCH-UP PROTECTION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com