Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STV200N55F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV200N55F3
Description  N-channel 55 V, 1.8 mΩ, 200 A, PowerSO-10 STripFET™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV200N55F3 Datasheet(HTML) 4 Page - STMicroelectronics

  STV200N55F3 Datasheet HTML 1Page - STMicroelectronics STV200N55F3 Datasheet HTML 2Page - STMicroelectronics STV200N55F3 Datasheet HTML 3Page - STMicroelectronics STV200N55F3 Datasheet HTML 4Page - STMicroelectronics STV200N55F3 Datasheet HTML 5Page - STMicroelectronics STV200N55F3 Datasheet HTML 6Page - STMicroelectronics STV200N55F3 Datasheet HTML 7Page - STMicroelectronics STV200N55F3 Datasheet HTML 8Page - STMicroelectronics STV200N55F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STV200N55F3
4/12
2
Electrical characteristics
(Tcase = 25 °C unless otherwise specified)
Table 4.
On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 250 µA, VGS= 0
55
V
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = Max rating,
VDS = Max rating, Tc = 125 °C
1
10
µA
µA
IGSS
Gate body leakage
current (VDS = 0)
VDS = ± 20 V
±100
nA
VGS(th)
Gate threshold voltage VDS = VGS, ID = 250 µA
2
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10 V, ID = 75 A
1.8
2.5
m
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS = 25 V, f = 1 MHz, VGS =0
6800
1450
15
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD = 44 V, ID = 120 A,
VGS = 10 V
Figure 14
100
30
26
nC
nC
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com