Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4510 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 9Page - STMicroelectronics STW4510 Datasheet HTML 10Page - STMicroelectronics STW4510 Datasheet HTML 11Page - STMicroelectronics STW4510 Datasheet HTML 12Page - STMicroelectronics STW4510 Datasheet HTML 13Page - STMicroelectronics STW4510 Datasheet HTML 14Page - STMicroelectronics STW4510 Datasheet HTML 15Page - STMicroelectronics STW4510 Datasheet HTML 16Page - STMicroelectronics STW4510 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
13/57
3
Functional description
3.1
Introduction
The STw4510 integrates supplies for the processor cores and associated peripherals
Two step down DC/DC converters
Vsdc1 (programmable start-up and 1.2V default value), programmable via I2C
interface, for the processor cores (
Table 18)
Vsdc2, 1.8 V, for the Input/Output supply of all the system devices and for all
peripherals which require 1.8 V supply (
Table 19)
Five low drop regulators for general purposes.
Four of them, Vana(i) (i=1 to 3) and Vdig can be used for critical features like PLL
or analog and digital processor peripherals. These low-drop regulator output
voltage values are programmable through Vdig_sel [n] and Vana(i)_sel[j] pads
connected to Vbat or to ground.
Table 5 shows the available output voltages. The
electrical characteristics are listed in
Table 20, Table 21 and Table 22.
The last one is Vmmc and can supply different feature and in particular SD/MMC
card. This regulator is completely controlled via the I2C interface.
Table 6 shows
the available output voltages. The electrical characteristics are indicated in
Table 21.
Table 5.
Low drop regulator output voltage programmable values
LDO
I (mA)
Output voltage values (V)
1.0
1.2
1.5
1.8
2.5
2.8
3.0
3.3
Vdig
250
X(1)
(100mA)
1.
X means available output voltage value.
XX
Vana1
150
X
X
X
X
Vana2
150
X
X
X
X
Vana3
150
X
X
X
X
Table 6.
Vmmc low drop regulator output voltage
LDO
I (mA)
Output voltage values (V)
1.8
2.5
2.85
3.0
Vmmc
150
X(1)
1.
X means available output voltage value.
XX
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com