Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STW4510 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STW4510
Description  2 step-down DC/DC converters / 5 LDO power management
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4510 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STW4510 Datasheet HTML 23Page - STMicroelectronics STW4510 Datasheet HTML 24Page - STMicroelectronics STW4510 Datasheet HTML 25Page - STMicroelectronics STW4510 Datasheet HTML 26Page - STMicroelectronics STW4510 Datasheet HTML 27Page - STMicroelectronics STW4510 Datasheet HTML 28Page - STMicroelectronics STW4510 Datasheet HTML 29Page - STMicroelectronics STW4510 Datasheet HTML 30Page - STMicroelectronics STW4510 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 57 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STw4510
Functional description
27/57
Power control register @ 08h
Address:
08h
Type:
R/W
Reset:
0000_1000
Description:
3.2.9
IT generation
STw4510 has one interrupt signal: VddOK. This signal has two functions:
When VddOK is high, Vsdc1 and Vsdc2 output voltages are within the right range
When VddOK is low,
it means that step-up DC/DC output converter (Vsdc1 or Vsdc2) are not regulated
properly. The internal interrupt set to “1” the bit 5 of the
Application control register
2. This bit is reset after reading.
it means that the signal Pwren is low and sleep mode has been requested.
Address 1Fh
Address 1Eh
15
14
13
12
11
10
98765
43210
R/W
R/W
R/W
R/W
[15:10]Reserved
[4]Reserved
[3]en_monitoring
0: Disabled/ Monitoring = OFF
1: Enabled/Vsdc1 & Vsdc2 monitoring = ON (default)
[2]en_vana2
0: Vana2 in power down mode (default)
1: Vana2 enabled in high power mode
[1]Reserved
[0]EN
0: Read enabled (default)
1: Write enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com