Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V3653 Datasheet(PDF) 17 Page - Integrated Device Technology

Part # IDT72V3653
Description  3.3 VOLT CMOS SyncFIFO WITH BUS-MATCHING
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V3653 Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button IDT72V3653_16 Datasheet HTML 13Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 14Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 15Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 16Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 17Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 18Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 19Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 20Page - Integrated Device Technology IDT72V3653_16 Datasheet HTML 21Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
17
COMMERCIALTEMPERATURERANGE
IDT72V3653/72V3663/72V3673 3.3V CMOS SyncFIFOTM WITH
BUS-MATCHING 2,048 x 36, 4,096 x 36, and 8,192 x 36
Figure 6. Serial Programming of the Almost-Full Flag and Almost-Empty Flag Offset Values after Reset (IDT Standard and FWFT Modes)
NOTE:
1. CSA = LOW, W/RA = HIGH, MBA = LOW.
Figure 5. Parallel Programming of the Almost-Full Flag and Almost-Empty Flag Offset Values after Reset (IDT Standard and FWFT
Modes)
NOTES:
1. It is not necessary to program offset register bits on consecutive clock cycles. FIFO write attempts are ignored until FF/IR is set HIGH.
2. Programmable offsets are written serially to the SD input in the order AF offset (Y) and AE offset (X).
4662 drw 07
CLKA
RS1
FF/IR
A0-A35
FS1,FS0
ENA
tFSH
tWFF
tENH
tENS2
tDS
tDH
4
0,0
AF Offset
(Y)
AE Offset
(X)
First Word to FIFO1
tFSH
tFSS
FS2
tFSS
1
2
CLKA
FF/IR
tSENS
tSENH
FS0/SD(2)
tSPH
tSENS
tSENH
tFSS
tWFF
FS1/
SEN
AE Offset
(X) LSB
tSDS
tSDH
tSDS
tSDH
AF Offset
(Y) MSB
RS1
4
tFSS
tFSH
FS2
4662 drw 08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com