Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8541 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 13 Page - Texas Instruments

Back Button DAC8541 Datasheet HTML 9Page - Texas Instruments DAC8541 Datasheet HTML 10Page - Texas Instruments DAC8541 Datasheet HTML 11Page - Texas Instruments DAC8541 Datasheet HTML 12Page - Texas Instruments DAC8541 Datasheet HTML 13Page - Texas Instruments DAC8541 Datasheet HTML 14Page - Texas Instruments DAC8541 Datasheet HTML 15Page - Texas Instruments DAC8541 Datasheet HTML 16Page - Texas Instruments DAC8541 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
13
www.ti.com
THEORY OF OPERATION
D/A section
The architecture of the DAC8541 consists of a string DAC followed by an output buffer amplifier. Figure 29
shows a generalized block diagram of the DAC architecture.
REF+
Resistor
String
REF−
VREFL = AGND
DAC Register
VOUT
VOUTSense
VREFH = External Reference Voltage
−
+
Figure 29. Generalized DAC Architecture
The input coding to the DAC8541 is set by the BTC/USB input to the device. When this input is high, the input
code is binary 2s complement. If the input is low, the format is unipolar straight binary, in which case the ideal
output voltage is given by:
V
OUT +
V
REF
H
D
65536
Where D = the decimal equivalent of the binary code that is loaded to the DAC register, which can range from
0 to 65535 and VREFL = AGND.
RDIVIDE
R
R
R
R
To Output Amplifier
(2x Gain)
VREFH
VREFL
VREFH
2
Figure 30. Typical Resistor String



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com