Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8541 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8541
Description  16-BIT SINGLE CHANNEL, PARALLEL INPUT DIGITAL-TO-ANALOG CONVERTER WITH RAIL VOLTAGE OUTPUT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC8541 Datasheet(HTML) 2 Page - Texas Instruments

  DAC8541 Datasheet HTML 1Page - Texas Instruments DAC8541 Datasheet HTML 2Page - Texas Instruments DAC8541 Datasheet HTML 3Page - Texas Instruments DAC8541 Datasheet HTML 4Page - Texas Instruments DAC8541 Datasheet HTML 5Page - Texas Instruments DAC8541 Datasheet HTML 6Page - Texas Instruments DAC8541 Datasheet HTML 7Page - Texas Instruments DAC8541 Datasheet HTML 8Page - Texas Instruments DAC8541 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DAC8541
SLAS353 − DECEMBER 2001
2
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
AVAILABLE OPTIONS
PRODUCT
PACKAGE
PACKAGE
DRAWING NUMBER
TA
PACKAGE
MARKING
ORDERING
NUMBER
TRANSPORT
MEDIA
DAC8541
32-TQFP
PBS
−40
°C to 85°C
E41Y
DAC8541Y/250
Tape and Reel
DAC8541
32-TQFP
PBS
−40
°C to 85°C
E41Y
DAC8541Y/2K
Tape and Reel
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
AVDD to AGND
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DVDD to DGND
−0.3 V to 6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage to DGND
−0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
VOUT to AGND
−0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating temperature range
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Junction temperature, TJ max
150
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
electrical characteristics, DVDD = 1.8 V to 5.5 V; AVDD = 2.7 V to 5.5 V; RL = 2 kΩ to AGND; CL = 200
pF to AGND; all specifications –40
°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
STATIC PERFORMANCE (see Note 1)
Resolution
16
Bits
Relative accuracy
±0.098
%FSR
Differential nonlinearity
16-Bit monotonic
±1
LSB
Zero code error
All zeroes loaded to DAC register
5
20
mV
Full-scale error
All ones loaded to DAC register
–0.15
–0.8
%FSR
Gain error
±0.8
%FSR
Zero code error drift
±20
µV/°C
Gain temperature coefficient
±5
ppm of
FSR/
°C
OUTPUT CHARACTERISTICS (see Note 2)
Output voltage range
2
×VREFL
VREFH
V
Output voltage settling time
(full scale)
RL = 2 kΩ; 0 pF < CL < 200 pF
8
10
µs
Output voltage settling time
(full scale)
RL = 2 kΩ; CL = 500 pF
12
µs
Slew rate
1
V/
µs
Capacitive load stability
RL = ∞
470
pF
Capacitive load stability
RL = 2 kΩ
1000
pF
Digital-to-analog glitch impulse
1 LSB change around major carry (see Note 3)
20
nV−s
Digital feedthrough
0.5
nV−s
DC output impedance
1
Ω
Short circuit current
AVDD = 5 V
50
mA
Short circuit current
AVDD = 3 V
20
mA
Power-up time
Coming out of power-down mode, AVDD = 5 V
2.5
s
Power-up time
Coming out of power-down mode, AVDD = 3 V
5
µs
NOTES:
1. Linearity calculated using a reduced code range of 485 to 64714. Output unloaded.
2. Assured by design and characterization, not production tested.
3. Specification for code changes at each N x 4096 code boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com