Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT306/DF60-8 Datasheet(PDF) 6 Page - Hirose Electric

Part # HT306/DF60-8
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-8 Datasheet(HTML) 6 Page - Hirose Electric

Back Button HT306/DF60-8 Datasheet HTML 2Page - Hirose Electric HT306/DF60-8 Datasheet HTML 3Page - Hirose Electric HT306/DF60-8 Datasheet HTML 4Page - Hirose Electric HT306/DF60-8 Datasheet HTML 5Page - Hirose Electric HT306/DF60-8 Datasheet HTML 6Page - Hirose Electric HT306/DF60-8 Datasheet HTML 7Page - Hirose Electric HT306/DF60-8 Datasheet HTML 8Page - Hirose Electric HT306/DF60-8 Datasheet HTML 9Page - Hirose Electric HT306/DF60-8 Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
■Crimp socket
1 package = 100 pcs
Contact No.
Contact No.
Sockets with 1 to 4 pos.
Sockets with 5 to 6 pos.
3 pos.
5 pos.
Standard Type
Unit : mm
Part No.
HRS No.
No. of Contacts
A
B
Guide key
Color
DF60-1S-10.16C
680-3009-9
1
——
15.8
Left
Black
DF60-2S-10.16C
680-3010-8
2
10.16
22.36
DF60-3S-10.16C
680-3002-0
3
20.32
32.52
DF60-4S-10.16C
680-3011-0
4
30.48
42.68
DF60-5S-10.16C
680-3012-3
5
40.64
52.84
DF60-6S-10.16C
680-3013-6
6
50.8
63
Standard Type [Color : Red]
Part No.
HRS No.
No. of Contacts
A
B
Guide key
Color
DF60-1S-10.16C(15)
680-3009-9 15
1
——
15.8
Left
Red
DF60-2S-10.16C(15)
680-3010-8 15
2
10.16
22.36
DF60-3S-10.16C(15)
680-3002-0 15
3
20.32
32.52
R Type
Part No.
HRS No.
No. of Contacts
A
B
Guide key
Color
DF60R-2S-10.16C
680-3031-8
2
10.16
22.36
Right
Gray
DF60R-3S-10.16C
680-3032-0
3
20.32
32.52
Note : Please place orders in full lot quantities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com