Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT306/DF60-8 Datasheet(PDF) 2 Page - Hirose Electric

Part # HT306/DF60-8
Description  65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT306/DF60-8 Datasheet(HTML) 2 Page - Hirose Electric

  HT306/DF60-8 Datasheet HTML 1Page - Hirose Electric HT306/DF60-8 Datasheet HTML 2Page - Hirose Electric HT306/DF60-8 Datasheet HTML 3Page - Hirose Electric HT306/DF60-8 Datasheet HTML 4Page - Hirose Electric HT306/DF60-8 Datasheet HTML 5Page - Hirose Electric HT306/DF60-8 Datasheet HTML 6Page - Hirose Electric HT306/DF60-8 Datasheet HTML 7Page - Hirose Electric HT306/DF60-8 Datasheet HTML 8Page - Hirose Electric HT306/DF60-8 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF60 Series
65A 10.16mm pitch Wire-to-Board Connectors for Internal Power Supply(UL, C-UL, TÜV certified product)
■Product Specifications
Ratings
Current
Rating
(Note 1)
No. of Contacts
8 AWG
10 AWG
12 AWG
Operating Temperature
-55~105ç (Note 2)
1
50A
40A
31A
Operating Humidity Range
 20
~80%
2
45A
35A
28A
Storage Temperature Range
-10~60ç (Note 3)
3
Storage Humidity Range
 40
~70%
4
42A
33A
27A
UL/TÜV file No. and certification No.
UL
:E52653
C-UL
:E52653
TÜV
:R50244085
5
6
Voltage Rating
AC/DC 1,000V
Current Rating
Voltage Rating
UL
See below table
AC/DC 600V
C-UL
See upper table
(Δt=30ç)
AC/DC 600V
TÜV
See upper table
AC/DC 600V
Current rating of
UL Standards
(Ambient temperature :
25ç)
(Note 1)
No. of Contacts
8 AWG
10 AWG
12 AWG
1
65A
55A
45A
2
40A
3
55A
50A
4
45A
35A
5
6
Item
Specifications
Conditions
1.Insulation
resistance
No less than 1,000Mø
Measured at DC=1,000V
2. Withstand
voltage
No flashover or breakdown
AC 3,000V applied for 1 minute.
3.Contact
resistance
No more than 2mø
Measured at 1A and not greater than 6V
4.Vibration
Resistance
No electrical discontinuity of 1μs or greater
Frequency 10 - 500Hz, accelerated velocity 98 m/s
2,
2 hours for each of the three axis directions
5.Shock
Resistance
No electrical discontinuity of 1μs or greater
Accelerated velocity : 490m/s
2, for11 ms, half-sine wave
form in 3 directions, 3 times for each of the three directions
6.Moisture-
resistance
Contact resistance : no more than 2mø ;
insulation resistance : no less than 1,000Mø
Temperature : 40±2ç; humidity : 90 to 95%, left for 96
hours
7.Temperature
cycles
Contact resistance : no more than 2mø ;
insulation resistance : no less than 1,000Mø
-55ç : 30 minutes
→ 85ç : 30 minutes 25 cycles
8.Durability
Contact resistance No more than 2mø
30 mating/unmating cycles
9. Solder heat
resistance
There should be no melting of the resin part
which will influence the performance.
Flow : 260ç, 10sec
Hand soldering : temperature of soldering iron at 350ç±10ç for 5 seconds
Note 1 : This is the maximum current rating while all pins are powered or used as all power lines. If you split the current over
multiple lines, please factor in your own safety margin.
Note 2 : Includes the temperature rise of power lines.
Note 3 : The storage condition refers to long-term storage of the product on the shelf before assembly. Please use the operating
temperature for temporary storage such as pre-assembly and during shipping.
■Materials / Finish
Component
Part
Material
Finish
UL Specification
Header
Insulator
PBT (glass-reinforced)
Black or gray
UL94V-0
Contact
High conductivity copper
alloy
Gold plating
Metal fitting
Brass
Tin-plating
Crimp socket
Insulator
PBT (glass-reinforced)
Black or gray
UL94V-0
In-line plug
Insulator
PBT (glass-reinforced)
Black
UL94V-0
Crimp contact
Contact
High conductivity copper
alloy
Gold plating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com