Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1044 Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS1044
Description  4-in-1 High-Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1044 Datasheet(HTML) 6 Page - Dallas Semiconductor

  DS1044 Datasheet HTML 1Page - Dallas Semiconductor DS1044 Datasheet HTML 2Page - Dallas Semiconductor DS1044 Datasheet HTML 3Page - Dallas Semiconductor DS1044 Datasheet HTML 4Page - Dallas Semiconductor DS1044 Datasheet HTML 5Page - Dallas Semiconductor DS1044 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DS1044
021798 6/6
TERMINOLOGY
Period: The time elapsed between the leading edge of
the first pulse and the leading edge of the following
pulse.
tWI (Pulse Width): The elapsed time on the pulse
between the 1.5 volt point on the leading edge and the
1.5 volt point on the trailing edge or the 1.5 volt point on
the trailing edge and the 1.5 volt point on the leading
edge.
tRISE (Input Rise Time): The elapsed time between the
20% and the 80% point on the leading edge of the input
pulse.
tFALL (Input Fall Time): The elapsed time between the
80% and the 20% point on the trailing edge on the input
pulse.
tPLH (Time Delay, Rising): The elapsed time between
the 1.5 volt point on the leading edge of the input pulse
and the 1.5 volt point on the leading edge of the output
pulse.
tPHL (Time Delay, Falling): The elapsed time between
the 1.5 volt point on the falling edge of the input pulse
and the 1.5 volt point on the falling edge of the output
pulse.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com