Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1044 Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1044
Description  4-in-1 High-Speed Silicon Delay Line
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1044 Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1044 Datasheet HTML 1Page - Dallas Semiconductor DS1044 Datasheet HTML 2Page - Dallas Semiconductor DS1044 Datasheet HTML 3Page - Dallas Semiconductor DS1044 Datasheet HTML 4Page - Dallas Semiconductor DS1044 Datasheet HTML 5Page - Dallas Semiconductor DS1044 Datasheet HTML 6Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DS1044
4–in–1 High–Speed Silicon Delay Line
DS1044
021798 1/6
FEATURES
• All–silicon timing circuit
• Four independent buffered delays
• Initial delay tolerance ±1.5 ns
• Stable and precise over temperature and voltage
• Leading and trailing edge precision preserves the
input symmetry
• Standard 14–pin DIP, 14–pin SOIC (150 mil)
• Vapor phase, IR and wave solderable
• Available in Tape and Reel
PIN ASSIGNMENT
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
NC
OUT1
NC
OUT2
OUT3
OUT4
IN1
NC
IN2
IN3
IN4
NC
GND
DS1044 14–PIN DIP
DS1044R 14–PIN SOIC (150 MIL)
See Mech. Drawings
Section
PIN DESCRIPTION
IN1–IN4
– Input Signals
OUT1–OUT4
– Output Signals
NC
– No Connection
VCC
– +5 Volt Supply
GND
– Ground
DESCRIPTION
The DS1044 series is a 4–in–1 version of the low–
power, +5 Volt, high speed, DS1035.
The DS1044 series of delay lines have four independent
logic buffered delays in a single package. The device is
Dallas Semiconductor’s fastest 4–in–1 delay line. It is
available in a standard 14–pin DIP and 14–pin SOIC.
The device features precise leading and trailing edge
accuracies. It has the inherent reliability of an all–silicon
delay line solution. The DS1044’s nominal tolerance is
±1.5 ns and an additional tolerance over temperature
and voltage of
±1.0 ns for the faster delays. Each output
is capable of driving up to 10 LS loads.
Standard delay values are indicated in Table 1. Cus-
tomers may contact Dallas Semiconductor at (972)
371–4348 for further information.


Similar Part No. - DS1044

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1044 MAXIM-DS1044 Datasheet
40Kb / 6P
4?밿n?? High?밪peed Silicon Delay Line
021798
More results

Similar Description - DS1044

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
DS1035 DALLAS-DS1035 Datasheet
50Kb / 6P
3-in-1 High.Speed Silicon Delay Line
DS1135 DALLAS-DS1135 Datasheet
68Kb / 6P
3-in-1 High-Speed Silicon Delay Line
logo
Maxim Integrated Produc...
MXD1013 MAXIM-MXD1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
19-0394; Rev 0; 12/97
logo
Dallas Semiconductor
DS1135L DALLAS-DS1135L Datasheet
131Kb / 6P
3V 3-in-1 High-Speed Silicon Delay Line
DS1013 DALLAS-DS1013 Datasheet
50Kb / 6P
3-in-1 Silicon Delay Line
logo
Maxim Integrated Produc...
DS1013 MAXIM-DS1013 Datasheet
56Kb / 6P
3-in-1 Silicon Delay Line
111799
DS1035 MAXIM-DS1035 Datasheet
55Kb / 6P
3-in-1 High?밪peed Silicon Delay Line
111799
DS1135 MAXIM-DS1135 Datasheet
312Kb / 7P
3-in-1 High-Speed Silicon Delay Line
19-6411; Rev 8/12
DS1135L MAXIM-DS1135L Datasheet
316Kb / 7P
3V 3-in-1 High-Speed Silicon Delay Line
19-6412; Rev 8/12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com