Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L016 Datasheet(PDF) 2 Page - IXYS Corporation

Part # L016
Description  High Power Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L016 Datasheet(HTML) 2 Page - IXYS Corporation

  L016 Datasheet HTML 1Page - IXYS Corporation L016 Datasheet HTML 2Page - IXYS Corporation L016 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© 2000 IXYS All rights reserved
2 - 3
0.001
0.01
0.1
1
0
2000
4000
6000
8000
10000
12000
14000
0
200
400
600
800
0
200
400
600
800
1000
1200
110
105
106
107
0
25
50
75
100
125
150
I
2t
I
FAVM
T
A
T
C
s
t
ms
t
A2s
0
25
50
75
100
125
150
0
100
200
300
400
500
600
700
800
900
1000
°C
80 % V
RRM
T
VJ = 45°C
50 Hz
T
VJ = 140°C
T
VJ = 140°C
T
VJ = 45°C
I
FAVM
W
P
tot
A
°C
R
thKA K/W
0.03
0.07
0.12
0.2
0.3
0.4
0.6
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
DC
V
R = 0V
I
TSM
A
A
0
300
600
900
1200
0
400
800
1200
1600
2000
2400
2800
3200
0
25
50
75
100
125
150
I
dAVM
A
°C
4xMDO500
Circuit
B2
T
A
R
thKA K/W
0.015
0.03
0.04
0.05
0.07
0.01
0.14
P
tot
W
RL
MDO 500
Fig. 1 Surge overload current
I
FSM: Crest value, t: duration
Fig. 2 I2t versus time (1-10 ms)
Fig. 3
Maximum forward current
at case temperature
Fig. 4
Power dissipation versus
forward current and ambient
temperature
Fig. 5 Single phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
R = resistive load
L = inductive load



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com