Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L016 Datasheet(PDF) 1 Page - IXYS Corporation

Part # L016
Description  High Power Diode Modules
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

L016 Datasheet(HTML) 1 Page - IXYS Corporation

  L016 Datasheet HTML 1Page - IXYS Corporation L016 Datasheet HTML 2Page - IXYS Corporation L016 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© 2000 IXYS All rights reserved
1 - 3
Symbol
Test Conditions
Maximum Ratings
I
FRMS
T
VJ = TVJM
A
I
FAVM
T
C = 85°C; 180° sine
A
I
FSM
T
VJ = 45°C
t = 10 ms (50 Hz)
A
V
R = 0
t = 8.3 ms (60 Hz)
A
T
VJ = TVJM
t = 10 ms (50 Hz)
A
V
R = 0
t = 8.3 ms (60 Hz)
A
I2t
T
VJ = 45°C
t = 10 ms (50 Hz)
A2s
V
R = 0
t = 8.3 ms (60 Hz)
A2s
T
VJ = TVJM
t = 10 ms (50 Hz)
A2s
V
R = 0
t = 8.3 ms (60 Hz)
A2s
T
VJ
°C
T
VJM
°C
T
stg
°C
V
ISOL
50/60 Hz, RMS
t = 1 min
V~
I
ISOL £ 1 mA
t = 1 s
V~
M
d
Mounting torque (M6)
Nm/lb.in.
Terminal connection torque (M8)
Nm/lb.in.
Weight
Typical including screws
g
Symbol
Test Conditions
Characteristic Values
I
RRM
T
VJ
= T
VJM; VR = VRRM
mA
V
F
I
F
=
A; T
VJ = 25°CV
V
T0
For power-loss calculations only (T
VJ = TVJM)V
r
T
m
W
R
thJC
DC current
K/W
R
thJK
DC current
K/W
d
S
Creeping distance on surface
mm
d
A
Creepage distance in air
mm
a
Maximum allowable acceleration
m/s2
V
RSM
V
RRM
Type
V
DSM
V
DRM
VV
1300
1200
MDO 500-12N1
1500
1400
MDO 500-14N1
1700
1600
MDO 500-16N1
1900
1800
MDO 500-18N1
2100
2000
MDO 500-20N1
2300
2200
MDO 500-22N1
I
FRMS
= 880 A
I
FAVM
= 560 A
V
RRM = 1200-2200 V
1125000
1062000
845000
813000
13000
14400
0.8
0.38
0.072
0.096
30
1200
1.3
3000
3600
-40...140
140
-40...125
4.5-7/40-62
11-13/97-115
650
21.7
9.6
50
15000
16000
880
560
Features
q
International standard package
q
Direct copper bonded Al
2O3-ceramic
with copper base plate
q
Planar passivated chips
q
Isolation voltage 3600 V~
q
UL registered E 72873
Applications
q
Supplies for DC power equipment
q
DC supply for PWM inverter
q
Field supply for DC motors
q
Battery DC power supplies
Advantages
q
Simple mounting
q
Improved temperature and power
cycling
q
Reduced protection circuits
MDO 500
High Power
Diode Modules
32
3
2
Dimensions in mm (1 mm = 0.0394")
Data according to IEC 60747 and refer to a single diode unless otherwise stated.
IXYS reserves the right to change limits, test conditions and dimensions


Similar Part No. - L016

ManufacturerPart #DatasheetDescription
logo
Pycom
L01 PYCOM-L01 Datasheet
1Mb / 31P
the only triple bearer MicroPython enabled micro controller on the market today – the perfect enterprise grade IoT platform for your connected Things.
Version 1.0
logo
List of Unclassifed Man...
L01-6300 ETC2-L01-6300 Datasheet
2Mb / 2P
Input Voltage
L01-6301 ETC2-L01-6301 Datasheet
2Mb / 2P
Input Voltage
L01-6302 ETC2-L01-6302 Datasheet
2Mb / 2P
Input Voltage
L01-6303 ETC2-L01-6303 Datasheet
2Mb / 2P
Input Voltage
More results

Similar Description - L016

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD255-12N1 IXYS-MDD255-12N1 Datasheet
62Kb / 3P
High Power Diode Modules
logo
International Rectifier
B40J IRF-B40J Datasheet
340Kb / 6P
POWER MODULES DIODE
logo
IXYS Corporation
MDD172 IXYS-MDD172 Datasheet
129Kb / 3P
High Power Diode Modules
MDD142 IXYS-MDD142 Datasheet
131Kb / 3P
HIgh Power Diode Modules
MDD310 IXYS-MDD310 Datasheet
115Kb / 3P
High Power Diode Modules
MDD220 IXYS-MDD220 Datasheet
110Kb / 3P
High Power Diode Modules
MDD250 IXYS-MDD250 Datasheet
116Kb / 3P
High Power Diode Modules
MDD312 IXYS-MDD312 Datasheet
260Kb / 4P
High Power Diode Modules
logo
Nell Semiconductor Co.,...
NKT160A NELLSEMI-NKT160A Datasheet
694Kb / 4P
Thyristor/Diode Power Modules
NKT250 NELLSEMI-NKT250_18 Datasheet
676Kb / 4P
Thyristor/Diode Power Modules
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com