Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE37-280-12-2SD-T-2-R Datasheet(PDF) 2 Page - Hongfa Technology

Part # HFE37-280-12-2SD-T-2-R
Description  Latching relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE37-280-12-2SD-T-2-R Datasheet(HTML) 2 Page - Hongfa Technology

  HFE37-280-12-2SD-T-2-R Datasheet HTML 1Page - Hongfa Technology HFE37-280-12-2SD-T-2-R Datasheet HTML 2Page - Hongfa Technology HFE37-280-12-2SD-T-2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
<PTIS1 f_ g-y @84AF G;4G E8?4L <F BA G;8 ZE8F8GZ FG4GHF J;8A 78?<I8ELpg-u @84AF G;4G E8?4L <F BA G;8 ZF8GZ FG4GHF J;8A 78?<I8ELcz9 AB FC8<64?
E8DH<E87 5L 6HFGB@8Ea J8 J<?? >88C G;8 E8?4L BA G;8 ZF8GZ FG4GHF J;8A 78?<I8ELc
f_
g_ *?84F8 @4>8 6?84E LBHE G86;A<64? E8DH<E8@8AGFa 4A7 6;BBF8 9EB@ G;8 9B??BJ<A: h /t E4G<A:Fo
/tfo @88G G;8 /tf E8DH<E8@8AGF BA zvtkgejjbhfo t4EEL<A: G8FG gieer C84> 6HEE8AG 9BE fe@Fp
/tgo @88G G;8 /tg E8DH<E8@8AGF BA zvtkgejjbhfo |4><A: G8FGogcj>rdfe@Fa 64EEL<A: G8FG icj>rdfe@Fp
/tho @88G G;8 /th E8DH<E8@8AGF BA zvtkgejjbhfo |4><A: G8FGoh>rdfe@Fa 64EEL<A: G8FG k>rdfe@Fc
tB<? C<A ^}BE@4?_
fhck fgcj
jcj
gk
gh
i
jg
im
ij
hm
f
g
h
fm
gh
fm
jci
f
g
h
z}f
~/.f
z}g
~/.g
-@41 g wBE@ s^uBH5?8b6BAG46G B9 gwBE@ s_
-@81 g wBE@ r^uBH5?8b6BAG46G B9 gwBE@ r_
~HG?<A8 u<@8AF<BAF
,8@4E>ozA 64F8 B9 AB GB?8E4A68 F;BJA <A BHG?<A8 7<@8AF<BAo BHG?<A8 7<@8AF<BA Vf@@a GB?8E4A68 F;BH?7 58 Oecg@@p BHG?<A8 7<@8AF<BA
Yf@@ 4A7 Vj@@a GB?8E4A68 F;BH?7 58 Oech@@p BHG?<A8 7<@8AF<BA Yj@@a GB?8E4A68 F;BH?7 58 Oeci@@c
me
=?45?9<7 9<6=?;2A9=<
AWQI
ywvhl
3PLM VPMTFKI
dfg
g
^222_
bg-u
3POTFGT JPRN
.
A1 r:-A~g
3POTFGT NFTIRLFM
b,
@PRT
,1 -<A:?8 6B<? ?4G6;<A:
-1 uBH5?8 6B<?F ?4G6;<A:
?1 }8:4G<I8 CB?4E<GL
<LM1 *BF<G<I8 CB?4E<GL
>PMFRLTW
=BA:9<5 49;5<@9=<@ 2<4 C9?9<7 4927?2;
/A<Go @@
-0+1 gmeP
<LM1 1<G;BHG F4@C?<A: E8F<FG4A68
ka fga gia im0utp ghe0rt
b gme
@FNQMLOK RISLSTIOGI
-4@C?<A: E8F<FG8A68
@QIGLFM GPHIg_ h_
DDD1 tHFGB@8E FC86<4? E8DH<E8@8AG
h_ .;8 6HFGB@8E FC86<4? E8DH<E8@8AG 8KCE8FF 4F FC86<4? 6B78 49G8E 8I4?H4G<A: 5L yBA:94c 8c:c ^ifj_ FG4A7F 9BE /tfp 8c:c ^ifk_ FG4A7F 9BE
/tgp 8c:c ^ifl_ FG4A7F 9BE /thc



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com