Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFE37-280-12-2SD-T-2-R Datasheet(PDF) 3 Page - Hongfa Technology

Part # HFE37-280-12-2SD-T-2-R
Description  Latching relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE37-280-12-2SD-T-2-R Datasheet(HTML) 3 Page - Hongfa Technology

  HFE37-280-12-2SD-T-2-R Datasheet HTML 1Page - Hongfa Technology HFE37-280-12-2SD-T-2-R Datasheet HTML 2Page - Hongfa Technology HFE37-280-12-2SD-T-2-R Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
-<A:?8 6B<?
?4G6;<A:
uBH5?8 6B<?F
?4G6;<A:
f^b_ h^`_
F8G ^BA_
h^b_ f^`_
E8F8G ^B99_
f^b_ g^`_
F8G ^BA_
h^b_ g^`_
E8F8G ^B99_
h
f
h
f
g
tB<? 1<E<A: u<4:E4@
mf
<PTLGI1
fc ,8?4L <F BA G;8 RE8F8GS BE ZF8GZ FG4GHF J;8A 58<A: E8?84F87 9EB@ FGB6>a J<G; G;8 6BAF<78E4G<BA B9 F;B6> E<F8A 9EB@ GE4AF<G 4A7 E8?4L
@BHAG<A:a E8?4L JBH?7 58 6;4A:87 GB RF8GS BE ZE8F8GZ FG4GHFa G;8E89BE8a J;8A 4CC?<64G<BA ^6BAA86G<A: G;8 CBJ8E FHCC?L_a C?84F8
E8F8G G;8 E8?4L GB RF8GS BE RE8F8GS FG4GHF BA E8DH8FGc
gc zA BE78E GB @4<AG4<A RF8GS BE RE8F8GS FG4GHFa 8A8E:<M87 IB?G4:8 GB 6B<? F;BH?7 E846; G;8 E4G87 IB?G4:8a <@CH?F8 J<7G; F;BH?7 58 j
G<@8F @BE8 G;4A RF8GS BE RE8F8GS G<@8cuB ABG 8A8E:<M8 IB?G4:8 GB RF8GS 6B<? 4A7 RE8F8GS 6B<? F<@H?G4A8BHF?LcrA7 4?FB ?BA: 8A8E:<M87
G<@8 ^@BE8 G;4A f @<A_ F;BH?7 58 4IB<787c
hc .;8 G8E@<A4?F B9 E8?4L J<G;BHG GJ<FG87 6BCC8E J<E8 64A ABG 58 G<AbFB?78E87a 64A ABG 58 @BI87 J<??9H??Lc
ic ,8?4LF HF87 9BE @8G8E<A: @84FHE<A: 4CC?<64G<BAF 4E8 HFH4??L @478 J<G; 7HFG CEBB9 FGEH6GHE8a J;<?8 @BFG E8?4LF 6BH?7 58 @478
FC86<4??L C8E 6HFGB@8E]F FC86<9<6 E8DH<E8@8AGFc}B ?BA:8E G;4A k @BAG;F] FGBE4:8 G<@8 <F E86B@@8A787 9BE G;<F ><A7 B9 E8?4La
4A7 C?84F8 C4L 4GG8AG<BA GB G;8 FGBE4:8 8AI<EBA@8AGc .B 8AFHE8 6BAG46G E8?<45<?<GLa J8 J<?? >88C 6BAG46G FG4GHF 58 6?BF87 J;8A
78?<I8EL <9 AB FC86<4? E8DH<E87 5L 6HFGB@8Ec
N 2<4@8A yBA:94 v?86GEB46BHFG<6 tBca {G7c r?? E<:;GF B9 yBA:94 4E8 E8F8EI87c
u<F6?4<@8E
.;8 FC86<9<64G<BA <F 9BE E898E8A68 BA?Lc -C86<9<64G<BAF FH5=86G GB 6;4A:8 J<G;BHG ABG<68c
18 6BH?7 ABG 8I4?H4G8 4?? G;8 C8E9BE@4A68 4A7 4?? G;8 C4E4@8G8EF 9BE 8I8EL CBFF<5?8 4CC?<64G<BAc .;HF G;8 HF8E F;BH?7 58 <A 4 E<:;G CBF<G<BA GB
6;BBF8 G;8 FH<G45?8 CEB7H6G 9BE G;8<E BJA 4CC?<64G<BAcz9 G;8E8 <F 4AL DH8ELa C?84F8 6BAG46G yBA:94 9BE G;8 G86;A<64? F8EI<68cyBJ8I8Ea <G <F G;8 HF8E]F
E8FCBAF<5<?<GL GB 78G8E@<A8 J;<6; CEB7H6G F;BH?7 58 HF87 BA?Lc
=BA:9<5 49;5<@9=<@ 2<4 C9?9<7 4927?2;
/A<Go @@
*BF<G<I8 CB?4E<GL
}8:4G<I8 CB?4E<GL
f^`_ h^b_
F8G ^BA_
h^`_ f^b_ E8F8G ^B99_
-<A:?8 6B<?
?4G6;<A:
f^`_ g^b_
F8G ^BA_
h^`_ g^b_
E8F8G ^B99_
h
f
h
f
g
uBH5?8 6B<?F
?4G6;<A:



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com