Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MM Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV712MM
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV712MM Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV712MM Datasheet HTML 1Page - National Semiconductor (TI) LMV712MM Datasheet HTML 2Page - National Semiconductor (TI) LMV712MM Datasheet HTML 3Page - National Semiconductor (TI) LMV712MM Datasheet HTML 4Page - National Semiconductor (TI) LMV712MM Datasheet HTML 5Page - National Semiconductor (TI) LMV712MM Datasheet HTML 6Page - National Semiconductor (TI) LMV712MM Datasheet HTML 7Page - National Semiconductor (TI) LMV712MM Datasheet HTML 8Page - National Semiconductor (TI) LMV712MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
LMV712
Low Power, Low Noise, High Output, RRIO Dual
Operational Amplifier with Independent Shutdown
General Description
The LMV712 duals are high performance BiCMOS opera-
tional
amplifiers
intended
for
applications
requiring
Rail-to-Rail inputs combined with speed and low noise. They
offer a bandwidth of 5MHz and a slew rate of 5V/µs and can
handle capacitive loads of up to 200pF without oscillation.
The LMV712 offers two independent shutdown pins. This
feature allows disabling of each device separately and re-
duces the supply current to less than 1µA typical. The output
voltage rapidly ramps up smoothly with no glitch as the
amplifier comes out of the shutdown mode.
The LMV712 with the shutdown feature is offered in space
saving 10-Bump micro SMD and 10 pin Leadless Leadframe
Package (LLP) packages. It is also offered in 10 lead MSOP
package. These packages are designed to meet the de-
mands of small size, low power, and low cost required by
cellular phones and similar battery operated portable elec-
tronics.
Features
(Typical Unless Otherwise Noted)
n
5 MHz GBP
n
Slew rate 5 V/µs
n
Low noise 20nV/
n
Supply current 1.22mA/channel
n
V
OS< 3mV max.
n
Low supply voltage 2.7V to 5V.
n
Rail-to-Rail inputs and outputs.
n
Unity gain stable.
n
Small package: 10-Pin LLP, 10-Pin MSOP and 10-Bump
micro SMD
n
1.5µA shutdown I
CC
n
2.2µs turn on
Applications
n
Power amplifier control loop
n
Cellular phones
n
Portable equipment
n
Wireless LAN
n
Radio systems
n
Cordless phones
Typical Application Circuit
10137034
P.A. Control Loop
Output Waveform vs. Shutdown
Pulse
10137030
February 2002
© 2002 National Semiconductor Corporation
DS101370
www.national.com


Similar Part No. - LMV712MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV712MM TI1-LMV712MM Datasheet
450Kb / 18P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712MM TI1-LMV712MM Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712MM TI-LMV712MM Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712MM TI-LMV712MM Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
LMV712MM TI1-LMV712MM Datasheet
1Mb / 24P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
More results

Similar Description - LMV712MM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
LMV712 TI1-LMV712 Datasheet
450Kb / 18P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
OPA2320 TI1-OPA2320 Datasheet
1Mb / 32P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
LMV712-N TI1-LMV712-N Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TL TI-LMV712TL Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712TLX TI-LMV712TLX Datasheet
1Mb / 22P
LMV712-N Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMV712-N-Q1 TI-LMV712-N-Q1 Datasheet
1Mb / 24P
LMV712-N, LMV712-N-Q1 Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
LMV712-N TI1-LMV712-N_16 Datasheet
1Mb / 24P
Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier
LMV712 TI1-LMV712_13 Datasheet
190Kb / 11P
LOW-POWER LOW-NOISE HIGH-OUTPUT RRIO DUAL OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com