Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV712MM Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV712MM
Description  Low Power, Low Noise, High Output, RRIO Dual Operational Amplifier with Independent Shutdown
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV712MM Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV712MM Datasheet HTML 1Page - National Semiconductor (TI) LMV712MM Datasheet HTML 2Page - National Semiconductor (TI) LMV712MM Datasheet HTML 3Page - National Semiconductor (TI) LMV712MM Datasheet HTML 4Page - National Semiconductor (TI) LMV712MM Datasheet HTML 5Page - National Semiconductor (TI) LMV712MM Datasheet HTML 6Page - National Semiconductor (TI) LMV712MM Datasheet HTML 7Page - National Semiconductor (TI) LMV712MM Datasheet HTML 8Page - National Semiconductor (TI) LMV712MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Model
150V
Human Body Model
1.5kV
Differential Input Voltage
±Supply Voltage
Voltage at Input/Output Pin
(V
+) +0.4V to (V−) −0.4V
Supply Voltage (V
+ -V−)
5.5V
Output Short Circuit V
+
(Note 3)
Output Short Circuit V
−
(Note 3)
Current at Input Pin
±10mA
Current at Output Pin
±50mA
Storage Temp Range
−65˚C to 150˚C
Mounting Temperature
Infrared or Convection (20
sec)
235˚C
Junction Temperature T
JMAX
(Note 4)
150˚C
Recommended Operating
Conditions (Note 1)
Supply Voltage
2.7V to 5V
Temperature Range
−40˚C
≤ T
J ≤ 85˚C
Thermal Resistance
10-Pin MSOP
235˚C/W
10-Pin LLP
53.4˚C/W
10-Bump micro SMD
196˚C/W
2.7V Electrical Characteristics Unless otherwise specified, all limits guaranteed for V+ = 2.7V, V − = 0V,
V
CM = 1.35V and TA = 25˚C and RL > 1MΩ. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Condition
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
V
CM = 0.85V and
V
CM = 1.85V
0.4
3
3.2
mV
I
B
Input Bias Current
5.5
115
130
pA
CMRR
Common Mode Rejection Ratio
0V
≤ V
CM ≤ 2.7V
50
45
75
dB
PSRR
Power Supply Rejection Ratio
2.7V
≤ V+ ≤ 5V,
V
CM = 0.85V
70
68
90
dB
2.7V
≤ V+ ≤ 5V,
V
CM = 1.85V
70
68
90
dB
CMVR
Common Mode Voltage Range
For CMRR
≥ 50dB
−0.3
−0.2
V
2.9
3
V
I
SC
Output Short Circuit Current
Sourcing
V
O =0V
15
12
25
mA
Sinking
V
O = 2.7V
25
22
50
mA
V
O
Output Swing
R
L = 10kΩ to 1.35V
2.62
2.60
2.68
V
0.01
0.12
0.15
V
R
L = 600Ω to 1.35V
2.52
2.50
2.55
V
0.05
0.23
0.30
V
V
O(SD)
Output Voltage in Shutdown
10
200
mV
I
S
Supply Current per Channel
On Mode
1.22
1.7
1.9
mA
Shutdown Mode
0.12
1.5
2.0
uA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com