Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW064D Datasheet(PDF) 9 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 5Page - STMicroelectronics M58LW064D Datasheet HTML 6Page - STMicroelectronics M58LW064D Datasheet HTML 7Page - STMicroelectronics M58LW064D Datasheet HTML 8Page - STMicroelectronics M58LW064D Datasheet HTML 9Page - STMicroelectronics M58LW064D Datasheet HTML 10Page - STMicroelectronics M58LW064D Datasheet HTML 11Page - STMicroelectronics M58LW064D Datasheet HTML 12Page - STMicroelectronics M58LW064D Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
9/50
M58LW064D
Figure 5. Block Addresses
Note: Also see APPENDIX A., Table 23. for a full listing of the Block Addresses
AI06212
1 Mbit or
128 KBytes
3FFFFFh
3F0000h
1 Mbit or
128 KBytes
01FFFFh
010000h
1 Mbit or
128 KBytes
00FFFFh
000000h
Byte (x8) Bus Width
Word (x16) Bus Width
1 Mbit or
128 KBytes
3EFFFFh
3E0000h
Total of 64
1 Mbit Blocks
7FFFFFh
7E0000h
03FFFFh
020000h
01FFFFh
000000h
7DFFFFh
7C0000h
1 Mbit or
64 KWords
1 Mbit or
64 KWords
1 Mbit or
64 KWords
1 Mbit or
64 KWords



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com