Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M58LW064D Datasheet(PDF) 46 Page - STMicroelectronics

Part # M58LW064D
Description  64 Mbit (8Mb x8, 4Mb x16, Uniform Block) 3V Supply Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LW064D Datasheet(HTML) 46 Page - STMicroelectronics

Back Button M58LW064D Datasheet HTML 42Page - STMicroelectronics M58LW064D Datasheet HTML 43Page - STMicroelectronics M58LW064D Datasheet HTML 44Page - STMicroelectronics M58LW064D Datasheet HTML 45Page - STMicroelectronics M58LW064D Datasheet HTML 46Page - STMicroelectronics M58LW064D Datasheet HTML 47Page - STMicroelectronics M58LW064D Datasheet HTML 48Page - STMicroelectronics M58LW064D Datasheet HTML 49Page - STMicroelectronics M58LW064D Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 46 / 50 page
background image
M58LW064D
46/50
Figure 23. Command Interface and Program Erase Controller Flowchart (a)
AI03618
READ
SIGNATURE
YES
NO
90h
READ
STATUS
YES
70h
NO
CLEAR
STATUS
YES
50h
NO
PROGRAM
BUFFER
LOAD
YES
E8h
NO
ERASE
SET-UP
YES
20h(1)
NO
ERASE
COMMAND
ERROR
YES
FFh
WAIT FOR
COMMAND
WRITE
READ
ARRAY
YES
D0h
NO
A
B
NO
C
CFI
QUERY
YES
98h
NO
D0h
YES
NO
PROGRAM
COMMAND
ERROR
Note 1. The Erase command (20h) can only be issued if the flash is not already in Erase Suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com