Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1165ACUI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1165ACUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165ACUI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1165ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 9Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 10Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 11Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
8
_______________________________________________________________________________________
Detailed Description
Converter Operation
The MAX1165/MAX1166 use a successive-approxima-
tion (SAR) conversion technique with an inherent track-
and-hold (T/H) stage to convert an analog input into a
16-bit digital output. Parallel outputs provide a high-
speed interface to most microprocessors (µPs). The
Functional Diagram shows a simplified internal archi-
tecture of the MAX1165/MAX1166. Figure 3 shows a
typical application circuit for the MAX1166.
Analog Input
The equivalent input circuit is shown in Figure 4. A
switched capacitor digital-to-analog converter (DAC)
provides an inherent T/H function. The single-ended
input is connected between AIN and AGND.
Input Bandwidth
The ADC’s input-tracking circuitry has a 4MHz small-
signal bandwidth, so it is possible to digitize high-
speed transient events and measure periodic signals
with bandwidths exceeding the ADC’s sampling rate by
using undersampling techniques. To avoid aliasing of
unwanted high-frequency signals into the frequency
band of interest, use anti-alias filtering.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to AVDD and/or AGND, allow the input to swing
from AGND - 0.3V to AVDD + 0.3V, without damaging
the device.
If the analog input exceeds 300mV beyond the sup-
plies, limit the input current to 10mA.
D0–D15
D0–D15
1mA
DGND
DGND
DVDD
CLOAD = 20pF
CLOAD = 20pF
a) HIGH-Z TO VOH, VOL TO VOH,
AND VOH TO HIGH-Z
b) HIGH-Z TO VOL, VOH TO VOL,
AND VOL TO HIGH-Z
1mA
Figure 1. Load Circuits
CS
R/C
REF POWER-
DOWN BIT
EOC
D0–D15
HBEN*
DATA VALID
D8/D15–
D0/D7*
HIGH-/LOW-
BYTE VALID
HIGH-/LOW-
BYTE VALID
tACQ
tCONV
tCSH
tCSL
tDH
tDO
tDO1
tBR
*HBEN AND BYTE-WIDE DATA BUS
AVAILABLE ON MAX1166 ONLY.
tDS
tDV
tEOC
HIGH-Z
HIGH-Z
tBR
Figure 2. MAX1165/MAX1166 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com