Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1165ACUI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1165ACUI
Description  Low-Power, 16-Bit Analog-to-Digital Converters with Parallel Interface
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1165ACUI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1165ACUI Datasheet HTML 1Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 2Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 3Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 4Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 5Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 6Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 7Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 8Page - Maxim Integrated Products MAX1165ACUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Low-Power, 16-Bit Analog-to-Digital Converter
with Parallel Interface
_______________________________________________________________________________________
5
INL vs. OUTPUT CODE
OUTPUT CODE
49152
16384
32768
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
0
65536
DNL vs. OUTPUT CODE
OUTPUT CODE
49152
16384
32768
0
66536
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
IAVDD + IDVDD SUPPLY CURRENT
vs. SAMPLE RATE
SAMPLE RATE (ksps)
100
10
1
0.1
0.001
0.01
0.1
1
10
0.0001
0.01
1000
IAVDD + IDVDD SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
-40
80
SAMPLE RATE = 165ksps
IAVDD + IDVDD SHUTDOWN CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
-40
80
INTERNAL REFERENCE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
4.066
4.076
4.086
4.096
4.106
4.116
4.126
4.136
4.056
-40
80
Typical Operating Characteristics
(AVDD = DVDD = +5V, external reference = +4.096V, CREF = 4.7µF, CREFADJ = 0.1µF, TA = +25°C, unless otherwise noted.)
OFFSET ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
20
0
-20
-800
-600
-400
-200
0
200
400
600
800
1000
-1000
-40
80
GAIN ERROR
vs. TEMPERATURE
TEMPERATURE (
°C)
60
40
-20
0
20
-0.015
-0.010
-0.005
0
0.005
0.010
0.015
0.020
-0.020
-40
80
SINAD vs. FREQUENCY
FREQUENCY (kHz)
10
1
10
20
30
40
50
60
70
80
90
100
0
0.1
100
SAMPLE RATE = 165ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com