Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRF9080LSR3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF9080LSR3
Description  RF POWER FIELD EFFECT TRANSISTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9080LSR3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF9080LSR3 Datasheet HTML 1Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 2Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 3Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 4Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 5Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 6Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 7Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 8Page - Motorola, Inc MRF9080LSR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF9080 MRF9080R3 MRF9080SR3 MRF9080LSR3
MOTOROLA RF DEVICE DATA
Figure 1. Broadband GSM 900 Test Circuit Schematic
VGG
VDD
C6
+
RF
INPUT
R1
C5
R2
R3
C4
+
C3
C9
C2
C1
C8
C7
DUT
C11 C12
RF
OUTPUT
C15
C10
C13
C14
C16
C17
C18
Table 1. Broadband GSM 900 Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
C1
4.7 pF Chip Capacitor, B Case
100B4R7BW
ATC
C2
2.7 pF Chip Capacitor, B Case
100B2R7BW
ATC
C3
1.5 pF Chip Capacitor, B Case
100B1R5BW
ATC
C4, C5, C9, C10, C12, C13
5.6 pF Chip Capacitors, B Case
100B5R6CW
ATC
C6, C16, C17
22 pF Chip Capacitors, B Case
100B220GW
ATC
C7, C18
10
µF, 35 V Tantalum Chip Capacitors
293D106X9035D2T
Sprague–Vishay
C8, C11
10 pF Chip Capacitors, B Case
100B100JW
ATC
C14
0.8 pF Chip Capacitor, B Case
100B0R8BW
ATC
C15
8.2 pF Chip Capacitor, B Case
100B8R2GW
ATC
R1, R2, R3
1.0 k
Ω, ??? W Chip Resistors (0805)
WB1, WB2
Beryllium Copper Wear Blocks
0.004
″ x 0.210″ x 0.520″
Raw PCB Material
30 mil Glass Teflon,
εr = 2.55
TLX8–0300
Taconic
PCB
Etched Circuit Board
C–GY–00–001–02
Cibel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com