Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4545 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4545
Description  AC ??7 Codec with Stereo Headphone Amplifier and National 3D Sound
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4545 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4545 Datasheet HTML 5Page - National Semiconductor (TI) LM4545 Datasheet HTML 6Page - National Semiconductor (TI) LM4545 Datasheet HTML 7Page - National Semiconductor (TI) LM4545 Datasheet HTML 8Page - National Semiconductor (TI) LM4545 Datasheet HTML 9Page - National Semiconductor (TI) LM4545 Datasheet HTML 10Page - National Semiconductor (TI) LM4545 Datasheet HTML 11Page - National Semiconductor (TI) LM4545 Datasheet HTML 12Page - National Semiconductor (TI) LM4545 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Pin Descriptions (Continued)
Analog I/O (Continued)
Name
Pin
I / O
Functional Description
HP_OUT_R
41
O
This is a post-mixed output for the right audio channel. The level of this output can be
adjusted from 0dB to −45dB in 1.5dB steps as well as muted via register 04h. HP_OUT_R
has a nominal gain of 9dB with respect to the right output mixer level and is designed for
driving a 32
Ω impedance with minimal distortion.
Digital I/O and Clocking
Name
Pin
I / O
Functional Description
XTL_IN
2
I
24.576 MHz crystal input. Use a fundamental-mode type crystal. When operating from a
crystal, a 1M
Ω resistor must be connected across pins 2 and 3.
XTL_OUT
3
O
24.576 MHz crystal output. When operating from a crystal, a 1M
Ω resistor must be
connected across pins 2 and 3.
SDATA_OUT
5
I
This data stream contains both control data and DAC audio data. This input is sampled by
the LM4545 on the falling edge of BIT_CLK.
BIT_CLK
6
O
12.288 MHz clock which is derived (divide by two) from the 24.576MHz crystal input
(XTL_IN).
SDATA_IN
8
O
This data stream contains both control data and ADC audio data. This output is clocked out
by the LM4545 on the rising edge of BIT_CLK.
SYNC
10
I
48kHz sync pulse which signifies the beginning of both the SDATA_IN and SDATA_OUT
serial streams. SYNC must be synchronous to BIT_CLK.
RESET#
11
I
This active low signal causes a hardware reset which returns the control registers to their
default conditions.
Power Supplies and References
Name
Pin
I / O
Functional Description
AVDD
25,38
I
Analog supply pins.
AVSS
26,42
I
Analog ground pins.
DVDD
1,9
I
Digital supply pins.
DVSS
4,8
I
Digital ground pins.
VREF
27
O
Nominal 2.2V reference output. Not intended to sink or source current. Bypassing of this pin
should be done with short traces to maximize performance.
VREFOUT
28
O
Nominal 2.2V reference output. Can source up to 5mA of current and can be used to bias a
microphone. Do not connect any external capacitance to this pin.
AFILT1
29
O
This pin is not used and should be left open (NC). However, a capacitor to ground on this
pin is permitted as it will not affect performance.
AFILT2
30
O
This pin is not used and should be left open (NC). However, a capacitor to ground on this
pin is permitted as it will not affect performance.
3DP,3DN
31,32
O
These pins are used to complete the National 3D Sound circuit. Connect a 0.022µF
capacitor between pins 3DP and 3DN. The National 3D Sound can be turned on and off via
control register 20h. This is a fixed-depth type stereo enhance circuit, thus writing to register
22h has no effect. If National 3D Sound is not desired, then these pins should be left as no
connect (NC).
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com