Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4545 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4545
Description  AC ??7 Codec with Stereo Headphone Amplifier and National 3D Sound
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4545 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LM4545 Datasheet HTML 1Page - National Semiconductor (TI) LM4545 Datasheet HTML 2Page - National Semiconductor (TI) LM4545 Datasheet HTML 3Page - National Semiconductor (TI) LM4545 Datasheet HTML 4Page - National Semiconductor (TI) LM4545 Datasheet HTML 5Page - National Semiconductor (TI) LM4545 Datasheet HTML 6Page - National Semiconductor (TI) LM4545 Datasheet HTML 7Page - National Semiconductor (TI) LM4545 Datasheet HTML 8Page - National Semiconductor (TI) LM4545 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LM4545
AC ’97 Codec with Stereo Headphone Amplifier and
National 3D Sound
General Description
The LM4545 is an audio codec for PC systems which per-
forms the analog-intensive function of the Analog Codec ’97
Rev 1.03 Architecture. Using 18-Bit
Σ∆ A/D and D/A convert-
ers, the LM4545 provides 90dB of dynamic range.
The LM4545 was designed specifically to provide a high
quality audio path and provide all analog functionality in a PC
audio system. It features full duplex stereo A/D’s and D/A’s
and an analog mixer with 4 stereo and 3 mono inputs, each
of which has separate gain, attenuation and mute control. In
addition, the LM4545 provides a stereo headphone amplifier
with an independent gain control and National’s 3D Sound
stereo enhancement technology.
The LM4545 features AC-Link, a synchronous, fixed rate se-
rial bus for connection to the digital AC ’97 Controller. The
separation of the analog and digital functions of the AC ’97
architecture allows for system design flexibility and in-
creased overall performance.
Key Specifications
n Analog Mixer Dynamic Range
95dB (typ)
n D/A Dynamic Range
89dB (typ)
n A/D Dynamic Range
90dB (typ)
n Headphone THD+N at 50mW into 32
Ω
0.02% (typ)
Features
n Audio Codec ’97 compliant
n Stereo 18-Bit
Σ∆ A/D’s and D/A’s with 128X
oversampling
n Stereo headphone amp with separate gain control
n National’s 3D Sound circuitry
n Power management support
n Digital Interface 3V and 5V compliant
Applications
n Desktop PC Audio Systems
n Portable PC Audio Systems
n Mobile PC Audio Solutions
Block Diagram
DS100069-1
FIGURE 1. LM4545 Block Diagram
PRELIMINARY
July 1999
© 1999 National Semiconductor Corporation
DS100069
www.national.com


Similar Part No. - LM4545

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4540 NSC-LM4540 Datasheet
298Kb / 16P
AC ??7 Codec with National 3D Sound
LM4540VH NSC-LM4540VH Datasheet
298Kb / 16P
AC ??7 Codec with National 3D Sound
LM4543 NSC-LM4543 Datasheet
304Kb / 16P
AC ??7 Codec with National 3D Sound
LM4543VH NSC-LM4543VH Datasheet
304Kb / 16P
AC ??7 Codec with National 3D Sound
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4545

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4540 NSC-LM4540 Datasheet
298Kb / 16P
AC ??7 Codec with National 3D Sound
LM4543 NSC-LM4543 Datasheet
304Kb / 16P
AC ??7 Codec with National 3D Sound
LM4546 NSC-LM4546 Datasheet
308Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4548 NSC-LM4548 Datasheet
322Kb / 18P
AC ??7 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4548A NSC-LM4548A Datasheet
534Kb / 28P
AC ??7 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com