Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 187
Description  20-25 Amp Power Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

187 Datasheet(HTML) 2 Page - Tyco Electronics

  187 Datasheet HTML 1Page - Tyco Electronics 187 Datasheet HTML 2Page - Tyco Electronics 187 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Open 187-1
Outline Dimensions
Outline Dimensions
Dust Cover 187-2
Dust Cover with Mounting Flange 187-3
Dust Cover with Bracket and Stud on End 187-4
187-32U200
187-32B200
187-32C200
187-32D200
187-32F200
187-32Q200
187-32T200
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
Typical Part No
.
>
187-
32
T
2
00
1. Basic Series and Type:
187 = Open or Enclosed 20-25 Amp Power Relay.
2. Enclosure and Terminals:
1 = Open, Solder/Quick Connect Terminals.
2 = Plain Enclosure with 6-32 Tapped Core, Solder/Quick Connect Terminals
3 = Flanged Enclosure, Solder/Quick Connect Terminals
4 = Plain Enclosure with Mounting Bracket and Stud on Closed End, Solder/Quick Connect Terminals
5 = Plain Enclosure with Bottom Mounted 6-32 Stud, Solder/Quick Connect Terminals
6 = Plain Enclosure with Bottom Mounted Bracket, Solder/Quick Connect Terminals
7 = Open, Printed Circuit Board Terminals
8 = Plain Enclosure, Printed Circuit Board Terminals
0 = Special
3. Contact Arrangement:
2 = 2 Form C (DPDT)
6 = 2 Form A (DPST-NO)
7 = 2 Form B (DPST-NC)
0 = Special
8 = 1 Form X (SPST-NO-DM)
9 = 1 Form Y (SPST-NC-DB)
4. Coil:
A = 6VDC
C = 24VDC
F = 110VDC
N = 6VAC
Q = 24VAC
U = 240VAC
S = Special
B = 12VDC
D = 48VDC
P = 12VAC
T = 120VAC
M = 208VAC
5. Contacts:
2 = 1/4” (6.25mm) Diameter, Silver-Cadmium Oxide.
0 = Special
5 = 3/16” (4.75mm) Diameter, Pure Fine Silver.
6 = 1/4” (6.25mm) Diameter, Silver-Cadmium Oxide (Requires Contact Arrangement 6 [2 form A] or 7 [2 form B] in step 3 above).
6. Standard or Special:
00 = Standard
F0 = Class “F” Coil
A1-Z9 = Special Construction or Feature
L0 = Lamp in parallel with coil
M0 = Magnetic blowout
NOTE: No sockets are available for this relay.
Issued 5-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com