Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

187 Datasheet(PDF) 3 Page - Tyco Electronics

Part # 187
Description  20-25 Amp Power Relays
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

187 Datasheet(HTML) 3 Page - Tyco Electronics

  187 Datasheet HTML 1Page - Tyco Electronics 187 Datasheet HTML 2Page - Tyco Electronics 187 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
Wiring Diagrams
PC Board Layout (Bottom View)
2 Form C
2 Form A
2 Form B
(DPDT)
(DPST-NO)
(DPST-NC)
Suggested PCB layout for 187 series relays with PCB terminals
.870 ± .005
(22.1 ± .13)
.288 ± .003
(7.11 ± .08)
.062 + .004 DIA.
(1.57 + .1)
AS REQUIRED
.558 ± .003
(14.17 ± .08)
.856 ± .003
(21.74 ± .08)
Terminal Dimensions
.250±.002
(6.35±.05)
.047
(1.19)
.125 DIA
(3.18)
.032±.002
(.81±.05)
.500 REF
(12.7)
.155
(3.97)
.
.315 (8.0)
.250” (6.35mm) Quick Connect
.250±.002
(6.35±.05)
.345 REF
(8.76)
.
.315 (8.0)
.125 DIA
(3.18)
.032±.002
(.81±.05)
Printed Circuit
Bottom Stud 187-5
Outline Dimensions (Continued)
Bracket Mount 187-6
Issued 5-10
www.tycoelectronics.com
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Dimensions are shown for reference
purposes only. Specifications and
availability subject to change.
South America: 55-11-2103-6000
Hong Kong: 852-2735-1628
Japan: 81-44-844-8013
UK: 44-8706-080208
USA: 1-800-522-6752
Canada: 1-905-470-4425
Mexico: 01-800-733-8926
C. America: 52-55-1106-0803
187 Series Data Sheet
©2010 by Tyco Electronics Corporation. All Rights Reserved.
The Tyco Electronics logo and Tyco Electronics are trademarks.
Reference Only
1 Form X
1 Form Y
(SPST-NO-DM)
(SPST-NC-DB)
Disclaimer
While Tyco Electronics has made every reasonable effort to ensure the
accuracy of the information in this document, Tyco Electronics does not
guarantee that it is error-free, nor does Tyco Electronics make any other
representation, warranty or guarantee that the information is accurate,
correct, reliable or current.
Tyco Electronics reserves the right to make any adjustments to the
information contained herein at any time without notice. Tyco Electronics
expressly disclaims all implied warranties regarding the information
contained herein, including, but not limited to, any implied warranties of
merchantability or fitness for a particular purpose.
The dimensions in this catalog are for reference purposes only and are
subject to change without notice. Specifications are subject to change
without notice. Consult Tyco Electronics for the latest dimensions and
design specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com