Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PERICOMPI7C8150 Datasheet(PDF) 39 Page - Pericom Semiconductor Corporation

Part # PERICOMPI7C8150
Description  2-Port PCI-to-PCI Bridge
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PERICOMPI7C8150 Datasheet(HTML) 39 Page - Pericom Semiconductor Corporation

Back Button PERICOMPI7C8150 Datasheet HTML 35Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 36Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 37Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 38Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 39Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 40Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 41Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 42Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 43Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 106 page
background image
PI7C8150
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
29
August 22, 2002 – Revision 1.02
3.8.4.3
TARGET ABORT
PI7C8150 returns a target abort to an initiator when one of the following conditions is met:
§
PI7C8150 is returning a target abort from the intended target.
§
When PI7C8150 returns a target abort to the initiator, it sets the signaled target abort
bit in the status register corresponding to the initiator interface.
4
ADDRESS DECODING
PI7C8150 uses three address ranges that control I/O and memory transaction forwarding.
These address ranges are defined by base and limit address registers in the configuration
space. This chapter describes these address ranges, as well as ISA-mode and VGA-
addressing support.
4.1
ADDRESS RANGES
PI7C8150 uses the following address ranges that determine which I/O and memory
transactions are forwarded from the primary PCI bus to the secondary PCI bus, and from
the secondary bus to the primary bus:
§
Two 32-bit I/O address ranges
§
Two 32-bit memory-mapped I/O (non-prefetchable memory) ranges
§
Two 32-bit prefetchable memory address ranges
Transactions falling within these ranges are forwarded downstream from the primary PCI
bus to the secondary PCI bus. Transactions falling outside these ranges are forwarded
upstream from the secondary PCI bus to the primary PCI bus.
No address translation is required in PI7C8150. The addresses that are not marked for
downstream are always forwarded upstream.
4.2
I/O ADDRESS DECODING
PI7C8150 uses the following mechanisms that are defined in the configuration space to
specify the I/O address space for downstream and upstream forwarding:
§
I/O base and limit address registers
§
The ISA enable bit
§
The VGA mode bit
§
The VGA snoop bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com