Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PERICOMPI7C8150 Datasheet(PDF) 85 Page - Pericom Semiconductor Corporation

Part # PERICOMPI7C8150
Description  2-Port PCI-to-PCI Bridge
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PERICOMPI7C8150 Datasheet(HTML) 85 Page - Pericom Semiconductor Corporation

Back Button PERICOMPI7C8150 Datasheet HTML 81Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 82Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 83Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 84Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 85Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 86Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 87Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 88Page - Pericom Semiconductor Corporation PERICOMPI7C8150 Datasheet HTML 89Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 106 page
background image
PI7C8150
2-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
75
August 22, 2002 – Revision 1.02
14.1.37
UPSTREAM (S TO P) MEMORY LIMIT UPPER 32-BITS
REGISTER – OFFSET 58h
Bit
Function
Type
Description
31:0
Upstream
Memory Limit
Address
R/W
Defines bits [63:32] of the upstream memory limit
Reset to 0
14.1.38
P_SERR_L EVENT DISABLE REGISTER – OFFSET 64h
Bit
Function
Type
Description
0
Reserved
R/O
Reserved. Returns 0 when read. Reset to 0
1
Posted Write
Parity Error
R/W
Controls PI7C8150’s ability to assert P_SERR_L when it is unable to
transfer any read data from the target after 224 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set.
1: P_SERR_L is not assert if this event occurs.
Reset to 0
2
Posted Write
Non-Delivery
R/W
Controls PI7C8150’s ability to assert P_SERR_L when it is unable to
transfer delayed write data after 224 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
3
Target Abort
During Posted
Write
R/W
Controls PI7C8150’s ability to assert P_SERR_L when it receives a
target abort when attempting to deliver posted write data.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0
4
Master Abort On
Posted Write
R/W
Controls PI7C8150’s ability to assert P_SERR_L when it receives a
master abort when attempting to deliver posted write data.
0: P_SERR# is asserted if this event occurs and the SERR# enable bit
in the command register is set
1: P_SERR# is not asserted if this event occurs
Reset to 0
5
Delayed Write
Non-Delivery
R/W
Controls PI7C8150’s ability to assert P_SERR# when it is unable to
transfer delayed write data after 224 attempts.
0: P_SERR_L is asserted if this event occurs and the SERR_L enable
bit in the command register is set
1: P_SERR_L is not asserted if this event occurs
Reset to 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com