Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C01A Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 4Page - Seiko Instruments Inc S-24C01A Datasheet HTML 5Page - Seiko Instruments Inc S-24C01A Datasheet HTML 6Page - Seiko Instruments Inc S-24C01A Datasheet HTML 7Page - Seiko Instruments Inc S-24C01A Datasheet HTML 8Page - Seiko Instruments Inc S-24C01A Datasheet HTML 9Page - Seiko Instruments Inc S-24C01A Datasheet HTML 10Page - Seiko Instruments Inc S-24C01A Datasheet HTML 11Page - Seiko Instruments Inc S-24C01A Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
CMOS 2-WIRED SERIAL EEPROM
S-24C01A/02A/04A
Rev. 2.2_30
8
Seiko Instruments Inc.
4. Acknowledgment
The unit of data transmission is 8 bits. By turning the SDA line "L," the slave device mounted on the
system bus which receives the data during the 9th clock cycle outputs the acknowledgment signal
verifying the data reception.
When the EEPROM is rewriting, the device does not output the acknowledgment signal.
5. Device Addressing
To perform data communications, the master device mounted on the system outputs the start condition
signal to the slave device. Next, the master device outputs 7-bit length device address and a 1-bit length
read/write instruction code onto the SDA bus.
Upper 4 bits of the device address are called the "Device Code," and set to "1010." Successive 3 bits are called the
"Slave Address." It is used to select a device on the system bus, and compared to the predetermined address value
at the address input pin (A2, A1, or A0).
When the comparison results match, the slave device outputs the acknowledgment signal during the 9th clock
cycle.
In the S-24C04A, "A0" does not exist in the slave addresses. So, "A0" becomes "P0." "P0" is a page address bit and
is equivalent to an additional uppermost bit of the word address. Accordingly, when P0="0," the former half area
corresponding to 2 kbits (addresses from 000h to 0FFh) in the entire memory are selected; when P0="1," the latter
half area corresponding to 2 kbits (addresses from 100h to 1FFh) in all areas of the memory are selected.
Figure 8 Acknowledgment Output Timing
1
8
9
Acknow-
ledgment
Output
tAA
tDH
Start
Condition
SCL
(EEPROM Input)
SDA
(Master Output)
SDA
(EEPROM Output)
Figure 9 Device Address
Slave Address
1
0
1
0
A2
A1
A0
R/W
Device Code
S-24C01A
S-24C02A
MSB
LSB
1
0
1
0
A2
A1
A0
R/W
1
0
1
0
A2
A1
P0
R/W
S-24C04A
MSB
LSB
Device Code
Slave
Address
Page
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com