Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-24C01A Datasheet(PDF) 17 Page - Seiko Instruments Inc

Part # S-24C01A
Description  CMOS 2-WIRE SERIAL EEPROM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C01A Datasheet(HTML) 17 Page - Seiko Instruments Inc

Back Button S-24C01A Datasheet HTML 13Page - Seiko Instruments Inc S-24C01A Datasheet HTML 14Page - Seiko Instruments Inc S-24C01A Datasheet HTML 15Page - Seiko Instruments Inc S-24C01A Datasheet HTML 16Page - Seiko Instruments Inc S-24C01A Datasheet HTML 17Page - Seiko Instruments Inc S-24C01A Datasheet HTML 18Page - Seiko Instruments Inc S-24C01A Datasheet HTML 19Page - Seiko Instruments Inc S-24C01A Datasheet HTML 20Page - Seiko Instruments Inc S-24C01A Datasheet HTML 21Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
CMOS 2-WIRE SERIAL EEPROM
Rev. 2.2_30
S-24C01A/02A/04A
Seiko Instruments Inc.
17
1.10 Current consumption (PROGRAM) ICC2
−
Power supply voltage VCC
1.11 Standby current consumption ISB —
Ambient temperature Ta
1.12 Input leakage current ILI
−
Ambient temperature Ta
1.13 Input leakage current ILI
−
Ambient temperature Ta
1.14 Output leakage current ILO
−
Ambient temperature Ta
1.15 Output leakage current ILO
−
Ambient temperature Ta
1.9 Current consumption (PROGRAM) ICC2
−
Ambient temperature Ta
Ta (°C)
1.0
0.5
VCC=2.5 V
0
-40
0
85
ICC2
(mA)
1.0
0.5
0
234 5 6
7
Ta=25°C
VCC (V)
ICC2
(mA)
10-6
10-7
10-8
10-9
10-10
VCC=5.5 V
10-11
Ta (°C)
-40
0
85
Ta (°C)
1.0
0.5
VCC=5.5 V
A0, A1, A2, SDA
SCL,TEST/WP=0V
0
-40
0
85
ILI
(
µA)
ISB
(A)
Ta (°C)
1.0
0.5
VCC=5.5 V
SDA=0V
0
-40
0
85
ILO
(
µA)
Ta (°C)
1.0
0.5
0
-40
0
85
VCC=5.5V
A0,A1,A2,SDA
SCL,TEST/WP=5.5V
ILI
(
µA)
Ta (°C)
1.0
0.5
VCC=5.5 V
SDA=5.5 V
0
-40
0
85
ILO
(
µA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com