Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3100SC Datasheet(PDF) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # P3100SC
Description  Excellent capability of absorbing transient surge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

P3100SC Datasheet(HTML) 3 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  P3100SC Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PxxxxSC Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 3 / 5-
http://www.jjwdz.com
ORDERING INFORMATION
MARKING
P-8C : Device Marking Code
1409: In ninth week, 2014
1409
P-8C
SOLDERING PARAMETERS
Reflow Condition
Pb-Free assembly
(see FIG.2)
Pre Heat
-Temperature Min (Ts(min))
+150℃
-Temperature Max(Ts(max))
+200℃
-Time (Min to Max) (ts)
60-180 secs.
Average ramp up rate (Liquid us Temp (TL) to peak)
3℃/sec. Max
Ts(max) to TL - Ramp-up Rate
3℃/sec. Max
Reflow
-Temperature(TL) (Liquid us)
+217℃
-Temperature(tL)
60-150 secs.
Peak Temp (Tp)
+260(+0/-5)℃
Time within 5℃ of actual Peak Temp (tp)
30 secs. Max
Ramp-down Rate
6℃/sec. Max
Time 25℃ to Peak Temp (TP)
8 min. Max
Do not exceed
+260℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com