Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3100SC Datasheet(PDF) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

Part # P3100SC
Description  Excellent capability of absorbing transient surge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIEJIE [JIEJIE MICROELECTRONICS CO.,Ltd]
Direct Link  http://www.jiejie-cn.com
Logo JIEJIE - JIEJIE MICROELECTRONICS CO.,Ltd

P3100SC Datasheet(HTML) 4 Page - JIEJIE MICROELECTRONICS CO.,Ltd

  P3100SC Datasheet HTML 1Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 2Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 3Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 4Page - JIEJIE MICROELECTRONICS CO.,Ltd P3100SC Datasheet HTML 5Page - JIEJIE MICROELECTRONICS CO.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PxxxxSC Series
JieJie Microelectronics CO. , Ltd
TEL:+86-513-83639777
- 4 / 5-
http://www.jjwdz.com
FIG.1: tr × td pulse waveform
%IPP
0
100
50
tr
td
t(μs)
0
Peak value
tr = rise time to peak value
td = decay time to half value
Half value
FIG.2: Reflow condition
25
TS(min)
TS(max)
TL
TP
tp
tL
time to peak temperatue
Time
(t 25
to peak)
℃
Ramp-up
Ramp-down
Preheat
Critical Zone
TL to TP
ts
FIG.3: Normalized Vs change vs. junction
temperature
FIG.4: Normalized DC holding current vs. case
temperature
IH(Tj)/IH(Tj=25
)
℃
0.4
-40 -20
0
20
40
60
80
100 120 140 160
Tj(
)
℃
-8
Percent of Vs change(%)
2.0
1.2
4
0
8
12
TC (
)
℃
-4
-40 -20
0
20
40
60
80
100 120 140 160
0.8
1.6
0.6
1.0
1.4
1.8
25℃
25℃
PACKAGE MECHANICAL DATA
Dimensions
Millimeters
Inches
Ref.
Min.
A
B
C
D
E
F
G
4.25
3.30
1.85
0.76
5.21
0.15
0.051
A
SMB
D
E
G
H
2.15
Max.
4.75
3.94
2.25
1.52
5.59
0.203
0.31
2.45
Min.
0.167
0.130
0.073
0.030
0.205
0.002
0.006
0.085
Max.
0.187
0.155
0.087
0.060
0.220
0.008
0.012
0.097
K
J
J
K
6.80
L
2.40
2.60
0.268
0.094
0.102



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com