Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD122 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 5 Page - ON Semiconductor

  MJD122 Datasheet HTML 1Page - ON Semiconductor MJD122 Datasheet HTML 2Page - ON Semiconductor MJD122 Datasheet HTML 3Page - ON Semiconductor MJD122 Datasheet HTML 4Page - ON Semiconductor MJD122 Datasheet HTML 5Page - ON Semiconductor MJD122 Datasheet HTML 6Page - ON Semiconductor MJD122 Datasheet HTML 7Page - ON Semiconductor MJD122 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MJD122, NJVMJD122 (NPN), MJD127, NJVMJD127 (PNP)
www.onsemi.com
5
IC, COLLECTOR CURRENT (AMP)
0.2
*IC/IB ≤ hFE/3
0.1
-55
°C to 25°C
12
3
10
104
VBE, BASE-EMITTER VOLTAGE (VOLTS)
10-1
0
+0.4
103
102
101
100
-0.2 -0.4 -0.6
TJ = 150°C
100
°C
REVERSE
FORWARD
25
°C
VCE = 30 V
105
+0.6
+0.2
-0.8
-1
-1.2 -1.4
104
VBE, BASE-EMITTER VOLTAGE (VOLTS)
10-1
103
102
101
100
105
+5
-5
qVB for VBE
25
°C to 150°C
qVC for VCE(sat)
Figure 5. Temperature Coefficients
VR, REVERSE VOLTAGE (VOLTS)
Cib
30
1
5
20
100
TJ = 25°C
300
50
70
100
0.1
2
10
50
PNP
NPN
0.5
0.2
Figure 6. Collector Cut−Off Region
Figure 7. Small−Signal Current Gain
1
f, FREQUENCY (kHz)
100
210
500
5000
TC = 25°C
VCE = 4 Vdc
IC = 3 Adc
3000
550
20
100
10,000
200
300
200
500
1000
PNP MJD127
NPN MJD122
-4
-3
-2
-1
0
+4
+3
+2
+1
0.5
0.3
7
5
IC, COLLECTOR CURRENT (AMP)
0.2
0.1
1
2
3
0.5
0.3
7
5
2000
1000
10
50
20
30
PNP
NPN
200
Figure 8. Capacitance
+5
-5
-4
-3
-2
-1
0
+4
+3
+2
+1
0.7
10
0
-0.4
+0.2
+0.4 +0.6
-0.6
-0.2
+0.8
+1
+1.2 +1.4
-55
°C to 25°C
25
°C to 150°C
*IC/IB ≤ hFE/3
25
°C to 150°C
-55
°C to 25°C
25
°C to 150°C
-55
°C to 25°C
*
qVC for VCE(sat)
qVB for VBE
REVERSE
FORWARD
VCE = 30 V
TJ = 150°C
100
°C
25
°C
Cob
TYPICAL ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com