Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJD122 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MJD122
Description  Complementary Darlington Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MJD122 Datasheet(HTML) 1 Page - ON Semiconductor

  MJD122 Datasheet HTML 1Page - ON Semiconductor MJD122 Datasheet HTML 2Page - ON Semiconductor MJD122 Datasheet HTML 3Page - ON Semiconductor MJD122 Datasheet HTML 4Page - ON Semiconductor MJD122 Datasheet HTML 5Page - ON Semiconductor MJD122 Datasheet HTML 6Page - ON Semiconductor MJD122 Datasheet HTML 7Page - ON Semiconductor MJD122 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2013
September, 2016 − Rev. 15
1
Publication Order Number:
MJD122/D
MJD122, NJVMJD122
(NPN), MJD127,
NJVMJD127 (PNP)
Complementary Darlington
Power Transistor
DPAK For Surface Mount Applications
Designed for general purpose amplifier and low speed switching
applications.
Features
• Lead Formed for Surface Mount Applications in Plastic Sleeves
• Surface Mount Replacements for 2N6040−2N6045 Series,
TIP120−TIP122 Series, and TIP125−TIP127 Series
• Monolithic Construction With Built−in Base−Emitter Shunt Resistors
• High DC Current Gain: hFE = 2500 (Typ) @ IC = 4.0 Adc
• Epoxy Meets UL 94 V−0 @ 0.125 in
• ESD Ratings:
♦ Human Body Model, 3B > 8000 V
♦ Machine Model, C > 400 V
• NJV Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC−Q101
Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MARKING DIAGRAM
A
= Assembly Location
Y
= Year
WW
= Work Week
x
= 2 or 7
G
= Pb−Free Package
DPAK
CASE 369C
STYLE 1
AYWW
J12xG
SILICON
POWER TRANSISTOR
8 AMPERES
100 VOLTS, 20 WATTS
www.onsemi.com
COLLECTOR 2, 4
BASE
1
EMITTER 3
See detailed ordering and shipping information in the package
dimensions section on page 7 of this data sheet.
ORDERING INFORMATION


Similar Part No. - MJD122

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJD122 MOTOROLA-MJD122 Datasheet
284Kb / 8P
SILICON POWER TRANSISTORS 8 AMPERES 100 VOLTS 20 WATT
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
284Kb / 8P
Complementary Darlington Power Transistors
1995 REV 1
logo
STMicroelectronics
MJD122 STMICROELECTRONICS-MJD122 Datasheet
81Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Jan-1999
logo
Fairchild Semiconductor
MJD122 FAIRCHILD-MJD122 Datasheet
137Kb / 8P
Complementary Darlington Power Transistors
logo
ON Semiconductor
MJD122 ONSEMI-MJD122 Datasheet
87Kb / 7P
Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
More results

Similar Description - MJD122

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJ2501 ONSEMI-MJ2501 Datasheet
98Kb / 4P
DARLINGTON POWER TRANSISTOR COMPLEMENTARY SILICON
1998
logo
Seme LAB
MJ11028 SEME-LAB-MJ11028 Datasheet
59Kb / 2P
COMPLEMENTARY DARLINGTON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD112 CENTRAL-CJD112 Datasheet
481Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
Seme LAB
2N6295 SEME-LAB-2N6295 Datasheet
15Kb / 2P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CJD122-NPN CENTRAL-CJD122-NPN Datasheet
126Kb / 2P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTOR
logo
ON Semiconductor
MJD122 ONSEMI-MJD122_05 Datasheet
87Kb / 7P
Complementary Darlington Power Transistor
December, 2005 ??Rev. 7
MJD128 ONSEMI-MJD128 Datasheet
75Kb / 6P
Complementary Darlington Power Transistor
March, 2007 ??Rev. 1
MJD122 ONSEMI-MJD122_11 Datasheet
136Kb / 7P
Complementary Darlington Power Transistor
March, 2011 ??Rev. 10
MJD128T4G ONSEMI-MJD128T4G_12 Datasheet
185Kb / 6P
Complementary Darlington Power Transistor
February, 2012 ??Rev. 5
MJD128T4G ONSEMI-MJD128T4G Datasheet
92Kb / 6P
Complementary Darlington Power Transistor
January, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com