Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8406-CSZR Datasheet(PDF) 7 Page - Cirrus Logic

Part # CS8406-CSZR
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZR Datasheet(HTML) 7 Page - Cirrus Logic

Back Button CS8406-CSZR Datasheet HTML 3Page - Cirrus Logic CS8406-CSZR Datasheet HTML 4Page - Cirrus Logic CS8406-CSZR Datasheet HTML 5Page - Cirrus Logic CS8406-CSZR Datasheet HTML 6Page - Cirrus Logic CS8406-CSZR Datasheet HTML 7Page - Cirrus Logic CS8406-CSZR Datasheet HTML 8Page - Cirrus Logic CS8406-CSZR Datasheet HTML 9Page - Cirrus Logic CS8406-CSZR Datasheet HTML 10Page - Cirrus Logic CS8406-CSZR Datasheet HTML 11Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
DS580F6
7
CS8406
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI MODE
(Inputs: Logic 0 = 0 V, Logic 1 = VL; CL = 20 pF)
Notes:
9. If Fs is lower than 51.850 kHz, the maximum CCLK frequency should be less than 115 Fs. This is dic-
tated by the timing requirements necessary to access the Channel Status and User Bit buffer memory.
Access to the control register file can be carried out at the full 6 MHz rate.
10. Tsch must be greater than the larger of the two values, either 1/256FS + 8 ns, or 66 ns.
11. Data must be held for sufficient time to bridge the transition time of CCLK.
12. For fsck < 1 MHz.
Parameter
Symbol
Min
Typ
Max
Units
CCLK Clock Frequency
(Note 9)
fsck
0-
6.0
MHz
CS High Time Between Transmissions
tcsh
1.0
-
-
s
CS Falling to CCLK Edge
tcss
20
-
-
ns
CCLK Low Time
tscl
66
-
-
ns
CCLK High Time
(Note 10)
tsch
MAX ((1/256 FS + 8), 66)
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
-
ns
CCLK Rising to DATA Hold Time
(Note 11)
tdh
15
-
-
ns
CCLK Falling to CDOUT Stable
tpd
--
50
ns
Rise Time of CDOUT
tr1
--
25
ns
Fall Time of CDOUT
tf1
--
25
ns
Rise Time of CCLK and CDIN
(Note 12)
tr2
--
100
ns
Fall Time of CCLK and CDIN
(Note 12)
tf2
--
100
ns
t r2
t f2
t dsu
t dh
t sch
t scl
CS
CCLK
CDIN
t css
t pd
CDOUT
tcsh
Figure 3. SPI Mode Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com