Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS8406-CSZR Datasheet(PDF) 38 Page - Cirrus Logic

Part # CS8406-CSZR
Description  192 kHz Digital Audio Interface Transmitter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CSZR Datasheet(HTML) 38 Page - Cirrus Logic

Back Button CS8406-CSZR Datasheet HTML 31Page - Cirrus Logic CS8406-CSZR Datasheet HTML 32Page - Cirrus Logic CS8406-CSZR Datasheet HTML 33Page - Cirrus Logic CS8406-CSZR Datasheet HTML 34Page - Cirrus Logic CS8406-CSZR Datasheet HTML 35Page - Cirrus Logic CS8406-CSZR Datasheet HTML 36Page - Cirrus Logic CS8406-CSZR Datasheet HTML 37Page - Cirrus Logic CS8406-CSZR Datasheet HTML 38Page - Cirrus Logic CS8406-CSZR Datasheet HTML 39Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 38 / 39 page
background image
38
DS580F6
CS8406
16.1.3.2 Two-Byte Mode
There are those applications in which the A and B channel status blocks will not be the same, and the user
is interested in accessing both blocks. In these situations, Two-Byte Mode should be used to access the E
buffer.
In this mode, a read will cause the CS8406 to output two bytes from its control port. The first byte out will
represent the A channel status data, and the 2nd byte will represent the B channel status data. Writing is
similar, in that two bytes must now be input to the CS8406's control port. The A channel status data is first;
B channel status data second.
16.2 AES3 User (U) Bit Management
The CS8406 U bit manager has two operating modes:
Mode 1. Transmit all zeros.
Mode 2. Block mode.
16.2.1
Mode 1: Transmit All Zeros
Mode 1 causes only zeros to be transmitted in the output U data, regardless of E buffer contents. This
mode is intended for the user who wants the output U channel to contain no data.
16.2.2
Mode 2: Block Mode
Mode 2 is very similar to the scheme used to control the C bits. Entire blocks of U data are buffered using
2 block-sized RAMs to perform the buffering. The user has access to the first buffer, denoted the E buffer,
through the control port. It is the only mode in which the user can merge his own U data into the transmit-
ted AES3 data stream. The U buffer access only operates in Two-Byte Mode, since there is no concept
of A and B blocks for user data. The ar rangement of the data is as followings: Bit15[A7] Bit14[B7]
Bit13[A6] Bit12 [B6]...Bit1 [A0] Bit0[B0]. The arrangement of the data in the each byte is that the MSB is
the first transmitted bit. The bit for the A subframe is followed by the bit for the B subframe.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com