Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SAR293P Datasheet(PDF) 4 Page - Rohm

Part # 2SAR293P
Description  PNP -1.0A -30V Middle Power Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SAR293P Datasheet(HTML) 4 Page - Rohm

  2SAR293P Datasheet HTML 1Page - Rohm 2SAR293P Datasheet HTML 2Page - Rohm 2SAR293P Datasheet HTML 3Page - Rohm 2SAR293P Datasheet HTML 4Page - Rohm 2SAR293P Datasheet HTML 5Page - Rohm 2SAR293P Datasheet HTML 6Page - Rohm 2SAR293P Datasheet HTML 7Page - Rohm 2SAR293P Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
2SAR293P
lElectrical characteristic curves
(Ta = 25°C)
-0.01
-0.1
-1
-1
-10
-100
-1000
IC / IB = 20
Pulsed
Ta=125ºC
75ºC
25ºC
-
40ºC
-0.01
-0.1
-1
-10
-1
-10
-100
-1000
Ta=25ºC
Pulsed
IC / IB = 50
20
10
-0.1
-1
-10
-1
-10
-100
-1000
IC / IB = 20
Pulsed
Ta= -40ºC
25ºC
75ºC
125ºC
10
100
1000
10
100
1000
Ta=25ºC
VCE= -2V
f=100MHz
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (I)
COLLECTOR CURRENT : IC [mA]
Fig.6 Collector-Emitter Saturation Voltage
vs. Collector Current (II)
COLLECTOR CURRENT : IC [mA]
Fig.7 Base-Emitter Saturation Voltage
vs. Collector Current
COLLECTOR CURRENT : IC [mA]
Fig.8 Gain Bandwidth Product
vs. Emitter Current
EMITTER CURRENT :IE [mA]
4/6
2013.04 - Rev.B



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com